Electronic Components Datasheet Search
  English  ▼

X  

9550 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9550
Description  RS232, #24-50pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9550 Datasheet(HTML) 1 Page - Belden Inc.

  9550 Datasheet HTML 1Page - Belden Inc. 9550 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9550
RS232, #24-50pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
Product Description
Computer EIA RS-232 Cable, 24 AWG stranded (7x32) tinned copper conductors, semi-rigid PVC insulation, 50 twisted pairs, overall Beldfoil® shield (100%
coverage), 24 AWG stranded tinned copper drain wire (continued), PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
RS-232 Applications; Computer Communications; Low Voltage Analog Signals (4-20ma, 0-10v, ...); Low Voltage Digital Control (24v, …); Line Level Audio; Panel
Wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
50
24 AWG 7x32
TC - Tinned Copper
Insulation
Element
Material
Nom.
Thickness
Nom.
Insulation
Diameter
Color Code
Pair(s)
SR-PVC -
Polyvinyl
Chloride
(Semi-Rigid)
0.011 in
(0.28 mm)
0.044 in (1.1
mm)
Blue & White, Orange & White, Green & White, Brown & White, Gray & White, Blue/ White & White, Blue/Orange & White, Blue/Green & White,
Blue/Brown & White, Blue/Gray & White, Orange/White & White, Orange/Green & White, Orange/Brown & White, Orange/Gray & White, Green/White
& White, Green/Brown & White, Green/Gray & White, Brown/White & White, Brown/Gray & White, Gray/White & White, Blue & Red, Orange & Red,
Green & Red, Brown & Red, Gray & Red, Blue/White & Red, Blue/Orange & Red, Blue/Green & Red, Blue/Brown & Red, Blue/Gray & Red,
Orange/White & Red, Orange/Green & Red, Orange/Brown & Red, Orange/Gray & Red, Green/White & Red, Green/Brown, Red, Green/Gray & Red,
Brown/White & Red, Brown/Gray & Red, Gray/White & Red, Blue & Black, Orange & Black, Green & Black, Brown & Black, Gray & Black, Blue/White
& Black, Blue/Orange & Black, Blue/Green & Black, Blue/Brown & Black, Blue/Gray & Black
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.054 in (1.4 mm) 0.708 in (18.0 mm)
Overall Cable Diameter (Nominal):
0.708 in (18.0 mm)
Electrical Characteristics
Electricals
Element Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield) Nom. Velocity of Prop.
Max. Current
Pair(s)
28.8 Ohm/1000ft
30 pF/ft (98 pF/m)
50 pF/ft (160 pF/m)
60%
2.2 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (CMG), 300 V (UL AWM 2464)
Mechanical Characteristics
Temperature
UL Temperature
Operating


Similar Part No. - 9550

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9550 KEYSTONE-9550 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Molex Electronics Ltd.
9550-12601 MOLEX11-9550-12601 Datasheet
206Kb / 5P
Modular Jacks, Low Profile, Trough Hole, 6 Positions, 4 loaded, Tube
logo
Spectrum Microwave, Inc...
95500 SPECTRUM-95500 Datasheet
148Kb / 2P
Comb Generators
logo
Molex Electronics Ltd.
95501-2401 MOLEX11-95501-2401 Datasheet
206Kb / 5P
Modular Jacks, Low Profile, Trough Hole, 4 Positions, 4 loaded, Tube
95501-2441 MOLEX11-95501-2441 Datasheet
200Kb / 5P
Modular Jacks, Low Profile, Trough Hole, 4 Positions, 4 loaded
More results

Similar Description - 9550

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9505 BELDEN-9505 Datasheet
202Kb / 2P
RS232, #24-5pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9506 BELDEN-9506 Datasheet
163Kb / 2P
RS232, #24-6pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9507 BELDEN-9507 Datasheet
166Kb / 2P
RS232, #24-7pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9510 BELDEN-9510 Datasheet
166Kb / 2P
RS232, #24-10pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9515 BELDEN-9515 Datasheet
147Kb / 2P
RS232, #24-15pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9519 BELDEN-9519 Datasheet
210Kb / 2P
RS232, #24-19pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9525 BELDEN-9525 Datasheet
152Kb / 2P
RS232, #24-25pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9537 BELDEN-9537 Datasheet
200Kb / 2P
RS232, #24-7c, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
9546 BELDEN-9546 Datasheet
217Kb / 2P
RS232, #24-50c, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
9542 BELDEN-9542 Datasheet
162Kb / 2P
RS232, #24-20c, SR-PVC, O/A Foil, PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com