Electronic Components Datasheet Search
  English  ▼

X  

VB2240 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # VB2240
Description  P-Channel 20-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VB2240 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  VB2240 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PRODUCT SUMMARY
VDS (V)
-
20
RDS(on) () at VGS = - 4.5 V
0.034
RDS(on) () at VGS = - 2.5 V
0.0
46
RDS(on) () at VGS = - 1.8 V
0.0
67
ID (A)
- 5
Configuration
Single
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
-
20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current
TC = 25 °C
ID
- 5
A
TC = 125 °C
- 3
Continuous Source Current (Diode Conduction)
IS
- 2.5
Pulsed Drain Currenta
IDM
- 20
Single Pulse Avalanche Current
L = 0.1 mH
IAS
- 11
Single Pulse Avalanche Energy
EAS
6mJ
Maximum Power Dissipationa
TC = 25 °C
PD
2
W
TC = 125 °C
0.67
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mountb
RthJA
175
°C/W
Junction-to-Foot (Drain)
RthJF
75
G
TO-236
(SOT-23)
S
D
Top View
2
3
1
S
G
D
P-Channel MOSFET
P-Channel 0-V (D-S) MOSFET
FEATURES
•
Halogen-free Option Available
•
TrenchFET® Power MOSFET
APPLICATIONS
•
Load Switch for Portable Devices
VB2240
www.VBsemi.com
服务热线:400-655-8788


Similar Part No. - VB2240

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VB2201K VBSEMI-VB2201K Datasheet
774Kb / 6P
P-Channel 200V (D-S) MOSFET
logo
Omron Electronics LLC
VB2211 OMRON-VB2211 Datasheet
259Kb / 9P
Multiple Limit Switch
logo
VBsemi Electronics Co.,...
VB2212N VBSEMI-VB2212N Datasheet
707Kb / 9P
P-Channel 20 V (D-S) MOSFET
logo
France Joint
VB221X37X7 FRANCEJOINT-VB221X37X7 Datasheet
412Kb / 5P
STANDARD SHAFT SEALS
VB225X38X5 FRANCEJOINT-VB225X38X5 Datasheet
412Kb / 5P
STANDARD SHAFT SEALS
More results

Similar Description - VB2240

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI3443CDV VISHAY-SI3443CDV Datasheet
145Kb / 7P
P-Channel 20-V (D-S) MOSFET
05-Nov-07
logo
Analog Power
AM2305PE ANALOGPOWER-AM2305PE Datasheet
346Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM2325P ANALOGPOWER-AM2325P Datasheet
133Kb / 6P
P-Channel 20-V (D-S) MOSFET
AM3405P ANALOGPOWER-AM3405P Datasheet
224Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM3441P ANALOGPOWER-AM3441P Datasheet
206Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM4463P ANALOGPOWER-AM4463P Datasheet
194Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM40P02-20D ANALOGPOWER-AM40P02-20D Datasheet
144Kb / 3P
P-Channel 20-V (D-S) MOSFET
AM50P02-16D ANALOGPOWER-AM50P02-16D Datasheet
145Kb / 3P
P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com