Electronic Components Datasheet Search
  English  ▼

X  

8500 Datasheet(PDF) 2 Page - ITT Industries

Part # 8500
Description  Subminiature Pushbutton Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8500 Datasheet(HTML) 2 Page - ITT Industries

  8500 Datasheet HTML 1Page - ITT Industries 8500 Datasheet HTML 2Page - ITT Industries 8500 Datasheet HTML 3Page - ITT Industries 8500 Datasheet HTML 4Page - ITT Industries 8500 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A–61
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8500 Series
Subminiature Pushbutton Switches
SWITCH FUNCTION
N.C. with pretravel
N.C. woth overtravel
11.5 oz (456 g) TYP.
10.3 oz (282g) TYP.
with pretravel
.057 (1,45) TYP.
with overtravel
.028 (0,71) TYP.
.080 (2,03) TYP.
.032 (0,81) TYP.
MOM.
MOM.
ON
ON
1 AMP
1 AMP
8533
8534
SP
N.O.
6 oz (170g) TYP.
.050 (1,27) TYP.
MOM.
OFF
1 AMP
3 AMPS
8532
8552
SP
N.O. with overtravel
7.7 oz (220g) TYP.
with overtravel
.042 (1,07) TYP.
.095 (2,41) TYP.
MOM.
OFF
1 AMP
3 AMPS
8531
8551
SP
SCHEMATIC
ACTUATION
FORCE
TOTAL TRAVEL
SWITCH FUNCTION
POS. 1
POS. 2
RATING
MODEL
NO.
NO.
POLES
SPST
SPST
SPST
Part number shown: 8531MZQE2
Part number shown: 8532MZQE2
Part number shown: 8533MZQE2
MOM. = Momentary
All models
with all options when ordered with G or Q contact material.
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com