Electronic Components Datasheet Search
  English  ▼

X  

MPC604EC Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MPC604EC
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MPC604EC Datasheet HTML 4Page - NXP Semiconductors MPC604EC Datasheet HTML 5Page - NXP Semiconductors MPC604EC Datasheet HTML 6Page - NXP Semiconductors MPC604EC Datasheet HTML 7Page - NXP Semiconductors MPC604EC Datasheet HTML 8Page - NXP Semiconductors MPC604EC Datasheet HTML 9Page - NXP Semiconductors MPC604EC Datasheet HTML 10Page - NXP Semiconductors MPC604EC Datasheet HTML 11Page - NXP Semiconductors MPC604EC Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
604 Hardware Specifications
Preliminary/Subject to Change without Notice
Figure 4 provides the output timing diagram for the 604.
Figure 4. PowerPC 604 Microprocessor Output Timing Diagram
The output specifications of the 604 for both driving high and driving low depend on the capacitive loading
on each output and the drive capability enabled for that output. Additionally, the timing specifications for
outputs driving low also depend on the voltage swing required to drive to 0.8 V (either 5.5 V to 0.8 V or
3.6 V to 0.8 V). Table 7 provides the output AC timing specifications for a 50 pF load. In order to derive the
actual timing specifications for a given set of conditions, it is recommended that IBIS simulation models be
used. Contact the local Motorola or IBM sales office for information on the availability of these models.
SYSCLK
All Outputs
(Except TS,
ABB, DBB,
ARTRY,
XATS, SHD)
TS, XATS
ABB, DBB
ARTRY, SHD
VM = Midpoint voltage (1.4 V)
All output specifications are measured from 0.8 V or 2.0 V of the signal in question to the 1.4 V of the
rising edge of the input SYSCLK
.
12
14
13
15
16
17
VM
VM
15
VM
13
21
19
18
22
20
Notes:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com