Electronic Components Datasheet Search
  English  ▼

X  

TDA8769 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA8769
Description  12-bit, 60/80/105 Msps Analog-to-Digital Converter (ADC) Nyquist/high IF sampling
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8769 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA8769 Datasheet HTML 18Page - NXP Semiconductors TDA8769 Datasheet HTML 19Page - NXP Semiconductors TDA8769 Datasheet HTML 20Page - NXP Semiconductors TDA8769 Datasheet HTML 21Page - NXP Semiconductors TDA8769 Datasheet HTML 22Page - NXP Semiconductors TDA8769 Datasheet HTML 23Page - NXP Semiconductors TDA8769 Datasheet HTML 24Page - NXP Semiconductors TDA8769 Datasheet HTML 25Page - NXP Semiconductors TDA8769 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
2003 Dec 09
22
Philips Semiconductors
Objective specification
12-bit, 60/80/105 Msps Analog-to-Digital Converter
(ADC) Nyquist/high IF sampling
TDA8769
11.5.2.1
Signal-to-noise and distortion (SINAD)
SINAD is the ratio of the signal power to the noise plus
distortion power, excluding the DC component, at a given
sample rate and input frequency:
dB.
11.5.2.2
Effective number of bits (ENOB)
ENOB is derived from SINAD and gives the theoretical
resolution an ideal ADC would require to obtain the same
SINAD measured on the actual ADC. A good
approximation is:
11.5.2.3
Total harmonic distortion (THD)
THD is the ratio of the power of the harmonics to the power
of the signal frequency. The equation for k
− 1 harmonics
is:
dB
where:
As usual the value of k = 6 (i.e. the calculation of THD is
done with the first 5 harmonics).
11.5.2.4
Signal-to-noise ratio (SNR)
SNR is the ratio of the signal power to the noise power,
excluding the harmonics and DC component of the signal:
dB
11.5.2.5
Spurious free dynamic range (SFDR)
The SFDR specifies the available signal range as the
spectral distance between the amplitude of the
fundamental and the amplitude of the largest spurious
signal, harmonic and non-harmonic, excluding the
DC component.
dB
11.5.2.6
Intermodulation distortion (IMD2 and IMD3)
Figure 16 shows the spectral analysis of a dual tone sine
wave input, at frequencies ft1 and ft2, meeting the
coherence criterion.
The 2nd and 3rd order intermodulation distortion products,
IMD2 and IMD3 respectively, are defined with a dual tone
input. IMD2 is defined as the ratio of the RMS value of
either tone to the RMS value of the second order
intermodulation product, IMD3 with the third order
intermodulation product. The IMD is given by:
dB
SINAD
10log
10
P
signal
P
noise + distortion
--------------------------------------


=
ENOB
SINAD
1.76
–
6.02
-------------------------------------
=
THD
10log
10
P
harmonics
P
signal
-------------------------


=
P
harmonics
a
2
2
a
3
2
...
a
k
2
++
+
=
P
signal
a
1
2
=
SNR
10log
10
P
signal
P
noise
----------------


=
SFDR
10log
10
a
1
max s
()
--------------------


=
IMD
10log
10
P
intermod
P
signal
---------------------


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com