Electronic Components Datasheet Search
  English  ▼

X  

4A201 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 4A201
Description  QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO-BY-TWO ANALOG CROSS POINT SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4A201 Datasheet(HTML) 1 Page - Renesas Technology Corp

  4A201 Datasheet HTML 1Page - Renesas Technology Corp 4A201 Datasheet HTML 2Page - Renesas Technology Corp 4A201 Datasheet HTML 3Page - Renesas Technology Corp 4A201 Datasheet HTML 4Page - Renesas Technology Corp 4A201 Datasheet HTML 5Page - Renesas Technology Corp 4A201 Datasheet HTML 6Page - Renesas Technology Corp 4A201 Datasheet HTML 7Page - Renesas Technology Corp 4A201 Datasheet HTML 8Page - Renesas Technology Corp 4A201 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
IDTQS4A201
HIGH-PERFORMANCECMOSTWO-BY-TWOANALOGCROSSPOINT
INDUSTRIALTEMPERATURERANGE
APRIL 2014
2014 Integrated Device Technology, Inc.
DSC-5553/4
c
INDUSTRIAL TEMPERATURE RANGE
FEATURES:
• Low ON resistance: rDS(ON) = 5
Ω
Ω
Ω
Ω
Ω
• Fast transition time: tTRAN = 6ns
• Wide bandwidth: 1.3GHz (-3dB point)
• Crosstalk: 90dB at 50KHz, -40dB at 5MHz, -30dB at 30MHz
• Off-isolation: -70dB at 50KHz, -40dB at 5MHz, -30dB at
30MHz
• Single 5V supply
• Can be used as multiplexer or demultiplexer
• TTL-compatible control inputs
• Ultra-low quiescent current: 3
μμμμμA
• Switch turn on time of 6.5ns
• Available in QSOP package
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
APPLICATIONS:
• High-speed video signal switching/routing
• HDTV-quality video signal routing
• Phase reversal
• Data acquisition
• ATE systems
• Telecomm routing
• Token Ring transceivers
• High-speed networking
FUNCTIONAL BLOCK DIAGRAM
IDTQS4A201
QUICKSWITCH® PRODUCTS
HIGH-PERFORMANCE CMOS
TWO-BY-TWO ANALOG
CROSS POINT SWITCH
DESCRIPTION:
The QS4A201 is a high-performance CMOS two-by-two analog cross
point switch. This device provides two sets of five high-speed CMOS
switches providing "cross point" connection between inputs and outputs.
The low ON resistance of the QS4A201 allows inputs to be connected to
outputs with low insertion loss and high bandwidth. TTL-compatible control
circuitry with “Break-Before-Make” feature prevents contention.
The QS4A201 with 1.3GHz bandwidth makes it ideal for high-perfor-
mancevideosignalswitching,audiosignalswitching,andtelecommrouting
applications. High performance and low power dissipation makes this
device ideal for battery operated and remote instrumentation applications.
The QS4A201 is offered in the QSOP package and has several
advantages over conventional packages such as PDIP and SOIC, includ-
ing:
• Reduced signal delays due to denser component packaging on circuit
boards
• Reduced system noise due to less pin inductance
The QS4A201 is characterized for operation at -40°C to +85°C.
CONTRO L
LOG IC
S
E
A0
C0
B0
D0
A4
C4
B4
D4


Similar Part No. - 4A201

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
4A20 FERROXCUBE-4A20 Datasheet
55Kb / 3P
Material specification
logo
Renesas Technology Corp
4A205 RENESAS-4A205 Datasheet
430Kb / 8P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
APRIL 2014
More results

Similar Description - 4A201

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS4A110 IDT-IDTQS4A110 Datasheet
68Kb / 7P
QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 5PST SWITCH
IDTQS4A210 IDT-IDTQS4A210 Datasheet
77Kb / 7P
QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
IDTQS4A105 IDT-IDTQS4A105 Datasheet
73Kb / 7P
UICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
IDTQS4A201 IDT-IDTQS4A201 Datasheet
79Kb / 8P
QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO-BY-TWO ANALOG CROSS POINT SWITCH
IDTQS4A105 IDT-IDTQS4A105_09 Datasheet
100Kb / 7P
QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
IDTQS4A105 IDT-IDTQS4A105_14 Datasheet
253Kb / 7P
QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
logo
Renesas Technology Corp
IDTQS4A101 RENESAS-IDTQS4A101 Datasheet
427Kb / 8P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPST SWITCH WITH INDIVIDUAL ENABLES
APRIL 2014
IDTQS4A105 RENESAS-IDTQS4A105 Datasheet
442Kb / 8P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
APRIL 2014
IDTQS4A110 RENESAS-IDTQS4A110 Datasheet
426Kb / 8P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 5PST SWITCH
APRIL 2014
IDTQS4A210 RENESAS-IDTQS4A210 Datasheet
422Kb / 8P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
APRIL 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com