Electronic Components Datasheet Search
  English  ▼

X  

4A205 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 4A205
Description  QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4A205 Datasheet(HTML) 1 Page - Renesas Technology Corp

  4A205 Datasheet HTML 1Page - Renesas Technology Corp 4A205 Datasheet HTML 2Page - Renesas Technology Corp 4A205 Datasheet HTML 3Page - Renesas Technology Corp 4A205 Datasheet HTML 4Page - Renesas Technology Corp 4A205 Datasheet HTML 5Page - Renesas Technology Corp 4A205 Datasheet HTML 6Page - Renesas Technology Corp 4A205 Datasheet HTML 7Page - Renesas Technology Corp 4A205 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
IDTQS4A205
HIGH-PERFORMANCECMOSANALOGFOUR-CHANNELSPDTMUX/DEMUX
INDUSTRIALTEMPERATURERANGE
APRIL 2014
2014 Integrated Device Technology, Inc.
DSC-5551/4
c
INDUSTRIAL TEMPERATURE RANGE
FEATURES:
• Low ON resistance: rDS(ON) = 5
Ω
Ω
Ω
Ω
Ω
• Fast transition time: tTRAN = 6ns
• Wide bandwidth: 830MHz (-3dB point)
• Crosstalk: -115dB at 50KHz, -100dB at 5MHz, -66dB at 30MHz
• Off-isolation: -90dB at 50KHz, -60dB at 5MHz, -50dB at 30MHz
• Single 5V supply
• Can be used as multiplexer or demultiplexer
• TTL-compatible control inputs
• Ultra-low quiescent current: 3
μμμμμA
• Available in QSOP package
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
APPLICATIONS:
• High-speed video signal switching/routing
• HDTV-quality video signal routing
• Audio signal switching/routing
• Data acquisition
• ATE systems
• Telecomm routing
• Switch between multiple video sources
• Token Ring transceivers
• High-speed networking
FUNCTIONAL BLOCK DIAGRAM
IDTQS4A205
QUICKSWITCH® PRODUCTS
HIGH-PERFORMANCE CMOS
ANALOG FOUR-CHANNEL
SPDT MUX/DEMUX
CO NTRO L
LOGIC
I1D
I0D
I1C
I0C
S
I1B
I0B
I1A
I0A
YA
YB
YC
YD
E
DESCRIPTION:
The QS4A205 is a high-performance CMOS analog Four-Channel
SPDT multiplexer/demultiplexer with individual enables. The low On-
resistanceoftheQS4A205allowsinputstobeconnectedtooutputswithlow
insertion loss and high bandwidth. TTL-compatible control circuitry with
“Break-Before-Make” feature prevents contention.
The QS4A205 with 830MHz bandwidth makes it ideal for high-perfor-
mance video signal switching, audio signal switching, and telecomm routing
applications. High performance and low power dissipation makes this
device ideal for battery operated and remote instrumentation applications.
The QS4A205 is offered in the QSOP package and has several advan-
tages over conventional packages such as PDIP and SOIC including:
• Reduced signal delays due to denser component packaging on circuit
boards
• Reduced system noise due to less pin inductance resulting in lower
ground bounce
The QS4A205 is characterized for operation at -40°C to +85°C.


Similar Part No. - 4A205

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
4A20 FERROXCUBE-4A20 Datasheet
55Kb / 3P
Material specification
logo
Renesas Technology Corp
4A201 RENESAS-4A201 Datasheet
419Kb / 9P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO-BY-TWO ANALOG CROSS POINT SWITCH
APRIL 2014
More results

Similar Description - 4A205

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS4A215 IDT-IDTQS4A215 Datasheet
86Kb / 7P
QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS SIX CHANNEL SP4T MUX/DEMUX
IDTQS4A210 IDT-IDTQS4A210 Datasheet
77Kb / 7P
QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
IDTQS4A205 IDT-IDTQS4A205 Datasheet
88Kb / 7P
HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
IDTQS4A205 IDT-IDTQS4A205_08 Datasheet
240Kb / 7P
QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
IDTQS4A205 IDT-IDTQS4A205_14 Datasheet
264Kb / 7P
HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
logo
Renesas Technology Corp
IDTQS3251 RENESAS-IDTQS3251 Datasheet
387Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8:1 MUX/DEMUX
FEBRUARY 2011
IDTQS3257 RENESAS-IDTQS3257 Datasheet
387Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH QUAD 2:1 MUX/DEMUX
FEBRUARY 2011
IDTQS33X257 RENESAS-IDTQS33X257 Datasheet
396Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 24:12 MUX/DEMUX
AUGUST 2012
IDTQS4A210 RENESAS-IDTQS4A210 Datasheet
422Kb / 8P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
APRIL 2014
IDTQS4A215 RENESAS-IDTQS4A215 Datasheet
283Kb / 8P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS SIX CHANNEL SP4T MUX/DEMUX
JULY 2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com