Electronic Components Datasheet Search
  English  ▼

X  

YD2111 Datasheet(PDF) 2 Page - Wuxi Youda electronics Co.,LTD

Part # YD2111
Description  3V AM/FM ONE CHIP TUNER IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD

YD2111 Datasheet(HTML) 2 Page - Wuxi Youda electronics Co.,LTD

  YD2111 Datasheet HTML 1Page - Wuxi Youda electronics Co.,LTD YD2111 Datasheet HTML 2Page - Wuxi Youda electronics Co.,LTD YD2111 Datasheet HTML 3Page - Wuxi Youda electronics Co.,LTD YD2111 Datasheet HTML 4Page - Wuxi Youda electronics Co.,LTD YD2111 Datasheet HTML 5Page - Wuxi Youda electronics Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
YOUDA INTEGRATED CIRCUIT
YD2111
ABSOLUTE MAXIMUM RATINGS
(Tamb=25℃)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
VCC
8
V
LED Current
ILED
10
mA
LED Voltage
VLED
8
V
YD2111N
1200
Power
Dissipation
YD2111F
PD(Note)
400
mW
Operating Temperature
Topr
-25~+75
℃
Storage Temperature
Tstg
-55~+150
℃
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, Tamb=25℃, VCC=3V, F/E
: f=98MHz, fm=1kHz
FM IF : f=10.7MHz, △f=±22.5kHz, fm=1kHz
AM
: f=1MHz, MOD=30%, fm=1kHz
MPX
: fm=1kHz)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Icc(FM)
Vin=0, FM mode
9
12.5
Quiescent Circuit Current
Icc(AM)
Vin=0, AM mode
5
7.5
mA
Input Limiting Voltage
Vin(lim)
-3dB limiting
7
dBμ
V
F/E
Local OSC Voltage
VOSC
fOSC=108.7 MHz
105
mV
Input Limiting Voltage
Vin(lim)
IF
-3 dB limiting
35
40
45
dBμ
V
Recovered Output
Voltage
VOD
Vin=80dBμV
60
75
90
mV
Signal to Noise Ratio
S/N
Vin=80dBμVF
65
dB
Total Harmonic
Distortion
THD
Vin=80dBμV
0.2
%
AM Rejection Ration
AMR
Vin=80dBμV
50
dB
LED on Sensitivity
VL
IL=1mA
40
45
50
dBμ
V
FM
IF
Soft Mute Attenuation
MUTE
Vin=0
20
dB
WuXi YouDa Electronics Co., Ltd
2 of 5
Website: www.e-youda.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com