Electronic Components Datasheet Search
  English  ▼

X  

NX8530NH366 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # NX8530NH366
Description  LASER DIODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX8530NH366 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button NX8530NH366 Datasheet HTML 4Page - Renesas Technology Corp NX8530NH366 Datasheet HTML 5Page - Renesas Technology Corp NX8530NH366 Datasheet HTML 6Page - Renesas Technology Corp NX8530NH366 Datasheet HTML 7Page - Renesas Technology Corp NX8530NH366 Datasheet HTML 8Page - Renesas Technology Corp NX8530NH366 Datasheet HTML 9Page - Renesas Technology Corp NX8530NH366 Datasheet HTML 10Page - Renesas Technology Corp NX8530NH366 Datasheet HTML 11Page - Renesas Technology Corp NX8530NH366 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet PL10716EJ01V0DS
6
NX8530NH, NX8531NH
ELECTRO-OPTICAL CHARACTERISTICS (TLD = Tset, TC =
−5 to +75°C, BOL)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Laser Set Temperature
Tset
35
50
°C
Operating Voltage
Vop
0.9
2.0
V
Threshold Current
Ith
5
20
40
mA
Optical Output Power (average)
PAVG
IF = Iop, TLD = Tset (NX8530NH)
0
4
dBm
IF = Iop, TLD = Tset (NX8531NH)
4
7
Operating Current
Iop
100
mA
Threshold Output Power
Pth
IF = Ith
100
μW
Slope Efficiency
η
CW (NX8530NH)
0.04
0.1
W/A
CW (NX8531NH)
0.08
0.18
Peak Emission Wavelength
λp
Pf = 10 mW, CW, TLD = Tset
1 528
ITU-T
*1
1 563
nm
1 564
1 610
Side Mode Suppression Ratio
SMSR
CW, IF = Iop
30
35
dB
Relative Intensity Noise
RIN
CW, IF = Iop, f = 20 MHz to 3 GHz
−140
dB/Hz
Rise Time
tr
20-80%, TC = 25
°C
120
ps
Fall Time
tf
80-20%, TC = 25
°C
120
ps
Electrical Input Return Loss
S11
f = 50 MHz to 3 GHz
6
dB
f = 3 GHz to 5 GHz
3
Band Width
BW
−3 dB, IF = Iop
2.5
GHz
Dispersion Penalty
DP
TC = 25
°C*2
2.0
dB
*1 Available for DWDM wavelengths based on ITU-T recommendations
(100 GHz grid, please refer to the ORDERING INFORMATION)
*2 2.48832 Gb/s, PRBS 2
23
−1, NRZ, Extinction Ratio ≥ 9.0 dB, 2 400 ps/nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com