Electronic Components Datasheet Search
  English  ▼

X  

COM-CFHB6 Datasheet(PDF) 2 Page - AAEON Technology

Part # COM-CFHB6
Description  COM Express Type 6 Basic Size with 8th/9th Generation Intel® Core™ H-Series / Xeon™ Processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-CFHB6 Datasheet(HTML) 2 Page - AAEON Technology

  COM-CFHB6 Datasheet HTML 1Page - AAEON Technology COM-CFHB6 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
04-4
Note: All specifications are subject to change without notice.
www.aaeon.com
0
4
COM-CFHB6
Unit: mm
Block Diagram
Dimension
Unit: mm
Ordering Information
PART NUMBER
COM EXPRESS
TYPE
CPU
MEMORY
DISPLAY
LVDS
STORAGE
LAN
USB
UART
EXPANSION
POWER
TEMPERA-
TURE
OTHER
COM-CFHB6-A11-0001
Type 6
(COM.0 Rev. 3.0)
Xeon E-2176M
DDR4 SODIMM x 3
VGA,
DDI x 2 (up to 3)
18/24b 2ch LVDS/eDP SATA3 x 4
GbE x 1
USB 3.2 Gen 2 x 4
USB 2.0 x 8
2-wire (Tx/Rx) x 2
PCIe [x1] x 8
PCIe[x16] x 1
+12V
0°C ~ 60°C
LPC, SMBus, I2C
COM-CFHB6-A11-0002
Type 6
(COM.0 Rev. 3.0)
I7-8850H
DDR4 SODIMM x 3
VGA,
DDI x 2 (up to 3)
18/24b 2ch LVDS/eDP SATA3 x 4
GbE x 1
USB 3.2 Gen 2 x 4
USB 2.0 x 8
2-wire (Tx/Rx) x 2
PCIe [x1] x 8
PCIe[x16] x 1
+12V
0°C ~ 60°C
LPC, SMBus, I2C
COM-CFHB6-A11-0005
Type 6
(COM.0 Rev. 3.0)
Xeon E-2276ME
DDR4 SODIMM x 3
VGA,
DDI x 2 (up to 3)
18/24b 2ch LVDS/eDP SATA3 x 4
GbE x 1
USB 3.2 Gen 2 x 4
USB 2.0 x 8
2-wire (Tx/Rx) x 2
PCIe [x1] x 8
PCIe[x16] x 1
+12V
0°C ~ 60°C
LPC, SMBus, I2C
DDR4 SODIMM
Intel® 8th /9th Gen
Core/XEON
DMI 3.0
LPC
COM
Express
Type 6
ROW
C/D
ITE
EC IT8528
HW
Monitor
BIOS
eDP
NXP
eDP to LVDS
PTN3460
Channel A
Intel
GbE PHY
i219
COM
Express
Type 6
ROW
A/B
PCIE [x16] x1
DDI 1
USB 3.2 Gen 2 x 4
PCIe[x1] x 2
SPI
Chrontel
DP to VGA
CH7517
VGA
DDI 3
PCIe [x1] x6
SATA3 x 4
USB 2.0 x 8
LVDS
PCIe[x1] x1
Giga LAN
TPM
WDT/GPIO/FAN / TX RX*2
HD Audio
I2C x 1
Intel®
QM370 / CM246
Chipset
*TPM 2.0 is an option
COM-CFHB6
DDR4 SODIMM x 1
DDR4 SODIMM x 2
Channel B
DDI 2
eDP (Op�onal)
SMBUS x 1
TPM 2.0
Op�onal
DDI 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com