Electronic Components Datasheet Search
  English  ▼

X  

COM-ICDB7 Datasheet(PDF) 2 Page - AAEON Technology

Part # COM-ICDB7
Description  COM Express Type 7 with Intel® Xeon® D Processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-ICDB7 Datasheet(HTML) 2 Page - AAEON Technology

  COM-ICDB7 Datasheet HTML 1Page - AAEON Technology COM-ICDB7 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
04-10
0
4
Note: All specifications are subject to change without notice.
www.aaeon.com
COM-ICDB7
Unit: mm
Block Diagram
Dimension
Unit: mm
Ordering Information
COM Express
Type 7
ROW A/B
Intel® SoC
Ice Lake-D
COM Express
Type 7
ROW C/D
Channel 0-DIMM0
Channel 1-DIMM0
SATA III *2
USB2.0 *4
SMBus
PCIE3.0[x2] *7
NCSI
Intel
GbE Ethernet
I210
PCIe3.0 [x2]
GbE
SPI
BIOS
TPM2.0
Embedded
Controller
eSPI or LPC(Default)
I2C*1, TX/RX*2
GPIO*8, FAN, WDT
HW
Monitor
PEG4.0[x16] *1
USB3.2 Gen1 *4
10GbE *4
PCIE3.0[x2] *1
DDR4 SO-DIMM #1
DDR4 SO-DIMM #3
Part Number
COM Express Type
CPU
Memory
Display LVDS Storage
LAN
USB
UART
Expansion Power Temperature
Other
COM-
ICDB7-A10-0001
COM Express R3.0, Type 7
Intel® Xeon®
D-1746TER
DDR4 SODIMM x 2
—
—
SATA 3 x 2
1GbE: Intel® I210-IT
10GbE: 10GbE x 4 (Base-KR)
USB 2.0 x 4
USB 3.2 Gen 1 x 4
2-Wire UART(Tx/Rx) x2
PCIe [x16] x 1
PCIe [x2] x 8
+12V
0°C ~ 60°C
LPC, SMBus,
I2C, GPIO 8bit
COM-
ICDB7-A10-0002
COM Express R3.0, Type 7
Intel® Xeon®
D-1735TR
DDR4 SODIMM x 2
—
—
SATA 3 x 2
1GbE: Intel® I210-IT
10GbE: 10GbE x 4 (Base-KR)
USB 2.0 x 4
USB 3.2 Gen 1 x 4
2-Wire UART(Tx/Rx) x2
PCIe [x16] x 1
PCIe [x2] x 8
+12V
0°C ~ 60°C
LPC, SMBus,
I2C, GPIO 8bit
COM-
ICDB7-A10-0003
COM Express R3.0, Type 7
Intel® Xeon®
D-1732TE
DDR4 SODIMM x 2
—
—
SATA 3 x 2
1GbE: Intel® I210-IT
10GbE: 10GbE x 4 (Base-KR)
USB 2.0 x 4
USB 3.2 Gen 1 x 4
2-Wire UART(Tx/Rx) x2
PCIe [x16] x 1
PCIe [x2] x 8
+12V
0°C ~ 60°C
LPC, SMBus,
I2C, GPIO 8bit
COM-
ICDB7-A10-0004
COM Express R3.0, Type 7
Intel® Xeon®
D-1715TER
DDR4 SODIMM x 2
—
—
SATA 3 x 2
1GbE: Intel® I210-IT
10GbE: 10GbE x 4 (Base-KR)
USB 2.0 x 4
USB 3.2 Gen 1 x 4
2-Wire UART(Tx/Rx) x2
PCIe [x16] x 1
PCIe [x2] x 8
+12V
0°C ~ 60°C
LPC, SMBus,
I2C, GPIO 8bit
COM-
ICDB7-A10-0005
COM Express R3.0, Type 7
Intel® Xeon®
D-1712TR
DDR4 SODIMM x 2
—
—
SATA 3 x 2
1GbE: Intel® I210-IT
10GbE: 10GbE x 4 (Base-KR)
USB 2.0 x 4
USB 3.2 Gen 1 x 4
2-Wire UART(Tx/Rx) x2
PCIe [x16] x 1
PCIe [x2] x 8
+12V
0°C ~ 60°C
LPC, SMBus,
I2C, GPIO 8bit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com