Electronic Components Datasheet Search
  English  ▼

X  

COM-KBHB6 Datasheet(PDF) 1 Page - AAEON Technology

Part # COM-KBHB6
Description  COM Express Type 6 Basic Size with 7th Gen. Intel® Xeon® E3 v6 Series Processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-KBHB6 Datasheet(HTML) 1 Page - AAEON Technology

  COM-KBHB6 Datasheet HTML 1Page - AAEON Technology COM-KBHB6 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
04-5
Note: All specifications are subject to change without notice.
www.aaeon.com
0
4
COM Express Type 6 Basic Size with 7th Gen. Intel® Xeon® E3 v6 Series Processors
COM-KBHB6
Features
Specifications
• COM-KBHB6
Packing List
Optional Accessories
• ECB-920A-A10-0001
COM Express Type 1/6/10 Carrier Board, Gigabit Ethernet, USB, 2 COM, 4 SATA, PCIe, AT/ATX, Legacy Free,
Rev. A1.0
• COM-FAN01
CPU Cooler, 125 x 95 x 26.4mm, Silver, use with HSP
• COM-SKHB6-HSP01
Heat Spreader, For COM-SKHB6, Onboard CPU
CPU Support Chart
■ Intel® Xeon® E3-1505M v6 Processor with PCH CM238
■ DDR4 SODIMM x 2, up to 32 GB, ECC Supports
■ Gigabit Ethernet x 1
■ 18/24-bit Dual Channel LVDS LCD or eDP, DDI x 2 (up to 3), VGA
■ High Definition Audio Interface
■ SATA 3 x 4
■ USB 2.0 x 8, USB 3.2 Gen 2 x 4, GPIO 8-bit
■ PCI-Express [x1] x 8, PCI-Express [x16] x 1
■ COM Express Type 6 Basic Size 125mm x 95mm
* Also equivalent to 7-series CPU
CPU
Core / Thread
Base Frequency
Max Turbo
Frequency
Graphic
E3-1505M v6
4c/8t
3.0
4.0
Intel® HD Graphics P630
E3-1505L v6
4c/8t
2.2
3.0
Intel® HD Graphics P630
i7-7820EQ
4c/8t
3.0
3.7
Intel® HD Graphics 630
i5-7440EQ
4c/4t
2.9
3.6
Intel® HD Graphics 630
i5-7442EQ
4c/4t
2.1
2.9
Intel® HD Graphics 630
i3-7100E
2c/4t
2.9
—
Intel® HD Graphics 630
i3-7102E
2c/4t
2.1
—
Intel® HD Graphics 630
USB 2.0
USB 3.2 Gen 2
System
Form Factor
COM Express Mini size, Type 6
CPU
Onboard 7th Gen. Intel® XEON E3 v6 Series Processors,
E3-1505M v6 4c/3.0 GHz
CPU Frequency
Up to E3-1505M v6, 4.0 GHz
Chipset
7th Generation Intel® CM238 PCH
Memory Type
DDR4, SO-DIMM x 2
Max. Memory Capacity
32GB
BIOS
AMI BIOS(UEFI)
Wake on LAN
Yes
Watchdog Timer
255 Levels
Power Requirement
+12 V and +5 VSB for ATX, +12V for AT
Power Supply Type
AT/ATX
Power Consumption
(Typical)
3.7A@12V, full load, E3-1505M
Dimension (L x W)
4.92” x 3.75” (125mm x 95mm)
Operating Temperature
32˚F ~ 140˚F (0˚C ~ 60˚C)
Storage Temperature
-40°F ~ 185°F (-40°C ~ 85°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Certification
CE/FCC Class A
Display
Graphic Controller
Intel® HD Graphics P630
Video Output
3 Simultaneous Displays:
Single/Dual Channel LVDS (18/24bit) or eDP, DDI x 2 (Up to 3x DDI shared with
VGA), VGA x 1
I/O
Ethernet
Intel® i219LM GbE x 1
Audio
High Definition Audio Interface
USB Port
USB 2.0 x 8, USB 3.2 Gen 2 x 4
Serial Port
2-Wire UART (Tx/Rx) x 2
HDD Interface
SATA 3 x 4
Expansion Slot
PCIe[x1] x 8
PCIe[x16] x 1
LPC
SMBus
I2C
GPIO
8-bit
Onboard Storage
—
TPM
TPM2.0
2022/09/01


Similar Part No. - COM-KBHB6

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
gigabit ethernet
COM-KB-A10-01 AAEON-COM-KB-A10-01 Datasheet
299Kb / 2P
gigabit ethernet
COM-KB-A10-02 AAEON-COM-KB-A10-02 Datasheet
299Kb / 2P
gigabit ethernet
COM-KBUC6-A11-0001 AAEON-COM-KBUC6-A11-0001 Datasheet
503Kb / 2P
COM Express Type 6 Compact Size with 6th/7th Gen Intel ® Core™ U Processors
2022/09/01
COM-KBUC6-A11-0003 AAEON-COM-KBUC6-A11-0003 Datasheet
503Kb / 2P
COM Express Type 6 Compact Size with 6th/7th Gen Intel ® Core™ U Processors
2022/09/01
More results

Similar Description - COM-KBHB6

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5898 ADVANTECH-SOM-5898 Datasheet
900Kb / 2P
7th Gen Intel Core/Celeron Processors COM Express Basic Module Type 6
SOM-6898 ADVANTECH-SOM-6898 Datasheet
890Kb / 2P
7th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
logo
DFI Inc
KH960-CM238 DFI-KH960-CM238 Datasheet
890Kb / 2P
Intel Xeon/7th Gen Intel CoreTM Processor COM Express Basic
KH960-HM175 DFI-KH960-HM175 Datasheet
838Kb / 2P
7th Gen Intel Core Processor COM Express Basic
logo
Advantech Co., Ltd.
SOM-5897 ADVANTECH-SOM-5897_V01 Datasheet
636Kb / 2P
6th Gen Intel Xeon/Core/Celeron Processors COM Express Basic Module Type 6
18-Aug-2020
SOM-5899 ADVANTECH-SOM-5899 Datasheet
531Kb / 3P
9th/8thGen Intel® Xeon®/Core™ Processors COM Express Basic Module Type 6
18-May-2022
logo
AAEON Technology
COM-CFHB6 AAEON-COM-CFHB6 Datasheet
503Kb / 2P
COM Express Type 6 Basic Size with 8th/9th Generation Intel® Core™ H-Series / Xeon™ Processors
2022/09/01
COM-ICDB7 AAEON-COM-ICDB7 Datasheet
427Kb / 2P
COM Express Type 7 with Intel® Xeon® D Processors
2023/05/08
COM-SKUC6_KBUC6 AAEON-COM-SKUC6_KBUC6 Datasheet
503Kb / 2P
COM Express Type 6 Compact Size with 6th/7th Gen Intel ® Core™ U Processors
2022/09/01
logo
BCM Advanced Research.
ESM-KBLA BCM-ESM-KBLA Datasheet
340Kb / 1P
7th Gen Intel Xeon Processors E3-15XX v6 Series/ Core i3 series Processor Type 6 COMe Basic Module with Intel CM238 Chipset
2021/02/12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com