Electronic Components Datasheet Search
  English  ▼

X  

MA177HP3 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA177HP3
Description  Single Output Hall Effect Latch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA177HP3 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA177HP3 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA177HP3 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/6
MA177H
Major Power Technology Co., Ltd.
Rev.1.1
7th, Jun., 2021
❖
BLOCK DIAGRAM
Hall
Plate
Regulator
VDD
OUT
Amp.
GND
❖
ORDER / MARKING INFORMATION
Order Information
Top Marking (SIP-3L)
Package Type
MA177H
Packing
XXX
Blank: Bag
P3 : SIP-3L
YYWWX
177H
Part number
ID code: internal
WW:01~52
Year:21= 2021
❖
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage,
VDD
65
V
Output Voltage
VOUT
65
V
Reverse VDD Voltage
VDDR
-20
V
Magnetic Flux Density
B
Unlimited
Gauss
Output Current
Continuous
IO
25
mA
Power Dissipation
PD
550
mW
Storage Temperature Range
TSTG
-65 to +150
°C
Thermal Resistance from Junction to Case)
θJC
49
°C/W
Thermal Resistance from Junction to Ambient
θJA
227
°C/W
Junction Temperature
TJ
150
°C
Operating (Ambient) Temperature Range
TA
-40 to 150
°C
ESD
HBM
4
KV



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com