Electronic Components Datasheet Search
  English  ▼

X  

MA2013CA Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA2013CA
Description  1.2MHz, 2.5A, 24V Output Boost Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2013CA Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA2013CA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2013CA Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/10
MA2013
Major Power Technology Co., Ltd.
Rev 1.0
26
th, Nov., 2020
PIN ASSIGNMENT
The package of MA2013 is SOT23-6L. The pin assignment is given by:
(Marking Side)
1
2
3
4
6
FB
SW
NC
GND
EN
5
VIN
Name
Description
SW
Power Switch Output. SW is the drain of the internal MOSFET.
GND
Ground Pin.
FB
Negative Feedback Input Pin. The FB voltage is 0.6V. Connect a resistor divider to
FB.
EN
Chip Enable Control Input. A high level input signal turns on the chip, and a low level
input signal turns it off. When not used, connect EN to the VIN pin for automatic
startup. Don’t leave this pin floating.
VIN
Input Supply Pin.
NC
Not Connection.
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
MA2013
Packing
X X
C: SOT23-6L
Blank: Bag
A : Taping
KC X X X
Internal Code
Year Code
Device Code



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com