Electronic Components Datasheet Search
  English  ▼

X  

MA211F Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA211F
Description  Complementary Output Hall Effect Fan Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA211F Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA211F Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA211F Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/6
MA211F
Major Power Technology Co., Ltd.
Rev.1.3
28
th, Aug., 2019
Complementary Output Hall Effect Fan Driver
GENERAL DESCRIPTION
MA211F are integrated Hall sensors with output drivers, mainly designed for electronic
commutation of brush-less DC Fan. This IC is using HV BCD process internally includes the
regulator, protecting diode, Hall plate, amplifier, comparator, and a pair of complementary
open-Drain outputs (DO, DOB).
While the magnetic flux density (B) is larger than operate point (Bop), DO will turn on
(low), and meanwhile DOB will turn off (high). Each output is latched until B is lower than
release point (Brp), and then DO, DOB transfer each state. For DC fan application,
sometimes need to test power reverse connection condition. Internal diode only protects
chip-side but not for coil-side. If necessary, add one external diode to block the reverse
current from coil-side.
FEATURES
-
On-chip Hall effect sensor with two different sensitivity and hysteresis settings
-
Wide operating voltage range: 4.0V~20V
-
Output sink current up to 0.4A
-
Built-in FG output
-
-40°C to 85°C operating temperature
-
Low Profile SIP-4L Package( Green and Lead Free )
BLOCK DIAGRAM
Hall
Plate
Control
Logic
Regulator
FG
DOB
DO
Amp.
GND
Thermal
shutdown


Similar Part No. - MA211F

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MA21101BAN MURATA-MA21101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA21101BBN MURATA-MA21101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA21101CAN MURATA-MA21101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA21101CBN MURATA-MA21101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA21101DAN MURATA-MA21101DAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA211F

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7201 MPOWER-MA7201 Datasheet
388Kb / 6P
Complementary Output Hall Effect Fan Driver
MA7210 MPOWER-MA7210 Datasheet
350Kb / 6P
Complementary Output Hall Effect Fan Driver
MA276 MPOWER-MA276 Datasheet
235Kb / 5P
Complementary Output Hall Effect Fan Driver
MA277 MPOWER-MA277 Datasheet
328Kb / 6P
Complementary Output Hall Effect Fan Driver
MA211K MPOWER-MA211K Datasheet
121Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.1
MA266 MPOWER-MA266 Datasheet
120Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
MA280 MPOWER-MA280 Datasheet
123Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.0
MA284 MPOWER-MA284 Datasheet
120Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
MA382 MPOWER-MA382 Datasheet
121Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
MA7212 MPOWER-MA7212 Datasheet
121Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.0.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com