Electronic Components Datasheet Search
  English  ▼

X  

MA3053 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA3053
Description  Ultralow Quiescent, Fast Transient Low Dropout Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA3053 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA3053 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA3053 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MA3053
Ultralow Quiescent, Fast Transient
Low Dropout Regulator
Apr. 2020
2
Rev 1.5
MA3053
3
2
1
PIN ASSIGNMENT
The pin assignment is given by:
SOT89
Name
Description
GND
Ground pin
VOUT
Regulator output pin
VIN
Regulator input supply pin
ORDER/MARKINGINFORMATION
Order Information
Top Marking
(SOT-23-3L Type)
MA3053 X XX X
5 3
XX B
B: Output accuracy ± 2%
Package
Output Voltage
A : SOT-23-3L
18 : 1.8V
F : SOT-89-3L
30 : 3.0V
Packing
Blank:Bulk
A : Taping
MA3053
Output Voltage
18 : 1.8V
33 : 3.3V
30 : 3.0V
50 : 5.0V
33 : 3.3V
50 : 5.0V
Top Marking (SOT-89-3L)
M 5 3 X X B
B: Output accuracy ± 2%
18: Output Voltage 1.8V
Y W W X
30: Output Voltage 3.0V
33: Output Voltage 3.3V
50: Output Voltage 5.0V
Internal code. Variable.
WW: 01~52
MA3053
Year: 1=2011
2=2012
3=2013
4=2014
:
:
9=2019
GND
VOUT
VIN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com