Electronic Components Datasheet Search
  English  ▼

X  

MA3056 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA3056
Description  Ultralow Quiescent, Fast Transient Low Dropout Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA3056 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA3056 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA3056 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ultralow Quiescent, Fast Transient
Low Dropout Regulator
2
Major Power Technology Co., Ltd.
Rev 1.1
12
th,Jun., 2020
MA3056
PIN ASSIGNMENT
The pin assignment is given by:
Name
Description
GND
Ground pin
VOUT
Regulator output pin
VIN
Regulator input supply pin
ORDER / MARKING INFORMATION
Order Information
Top Marking
Package Type
MA3056
Packing
X X
A: SOT23-3L
Blank: Bag
A : Taping
X
X
Output Voltage
30: 3.0V
33: 3.3V
50: 5.0V
5 6
B: Output accuracy ± 2%
X X B
MA3056
Output Voltage
30: 3.0V
33: 3.3V
50: 5.0V
Y WW X
Internal Code
WW: 01~52
Y: Year
0: 2020
VIN
GND
VOUT
SOT23-3L
( Top View )



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com