Electronic Components Datasheet Search
  English  ▼

X  

MA382 Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA382
Description  Complementary Output Hall Effect Fan Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA382 Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA382 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA382 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/6
MA382
Major Power Technology Co., Ltd.
Rev.1.3
28
th, Aug., 2019
Complementary Output Hall Effect Fan Driver
GENERAL DESCRIPTION
MA382 is integrated Hall sensors with output drivers, mainly designed for electronic
commutation of brush-less DC Fan. This IC is using HV BCD process internally includes the
regulator, protecting diode, Hall plate, amplifier, comparator, and a pair of complementary
open-Drain outputs (DO, DOB).
To avoid coil burning, rotor-lock shutdown detection circuit shut down the output driver if
the rotor is blocked and then the automatic recovery circuit will try to restart the motor. This
function repeats while rotor is blocked. Until the blocking is removed, the motor recovers
running normally.
FEATURES
-
Built-in protecting diode only for chip reverse power connecting
-
Wide operating voltage range: 3.5V~28V
-
Output sink current up to 0.3A
-
On-Chip High sensitivity Hall-effect Sensor
-
Thermal Shutdown Protection
-
-40°C to 85°C Operating Temperature
-
Rotor-locked shutdown and automatically restart function
-
For 12V and 24V DC motor / FAN systems
-
Low Profile SIP-4L Package
PIN ASSIGNMENT
The package of MA382 is SIP-4L; the pin assignment is given by:
1.10mm
1.9mm
1
VDD
2
DO
3
DOB
(Top View)
SIP-4L
4
GND
(Sensor Location)
Name
Description
VDD
Supply Voltage
DO
Output 1
DOB Output 2
GND Ground.


Similar Part No. - MA382

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MA3828 MECHATRONICS-MA3828 Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
logo
List of Unclassifed Man...
MA3828E ETC2-MA3828E Datasheet
420Kb / 1P
DC AXIAL FANS
logo
Mechatronics, Inc.
MA3828E MECHATRONICS-MA3828E Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
logo
List of Unclassifed Man...
MA3828H ETC2-MA3828H Datasheet
420Kb / 1P
DC AXIAL FANS
logo
Mechatronics, Inc.
MA3828H MECHATRONICS-MA3828H Datasheet
420Kb / 1P
UL94V-0 PBT impeller & frame
More results

Similar Description - MA382

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7201 MPOWER-MA7201 Datasheet
388Kb / 6P
Complementary Output Hall Effect Fan Driver
MA7202 MPOWER-MA7202 Datasheet
326Kb / 6P
Complementary Output Hall Effect Fan Driver
MA7210 MPOWER-MA7210 Datasheet
350Kb / 6P
Complementary Output Hall Effect Fan Driver
MA276 MPOWER-MA276 Datasheet
235Kb / 5P
Complementary Output Hall Effect Fan Driver
MA277 MPOWER-MA277 Datasheet
328Kb / 6P
Complementary Output Hall Effect Fan Driver
MA211K MPOWER-MA211K Datasheet
121Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.1
MA266 MPOWER-MA266 Datasheet
120Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
MA280 MPOWER-MA280 Datasheet
123Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.0
MA284 MPOWER-MA284 Datasheet
120Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
MA7212 MPOWER-MA7212 Datasheet
121Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.0.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com