Electronic Components Datasheet Search
  English  ▼

X  

10TP581 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # 10TP581
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

10TP581 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button 10TP581 Datasheet HTML 35Page - List of Unclassifed Manufacturers 10TP581 Datasheet HTML 36Page - List of Unclassifed Manufacturers 10TP581 Datasheet HTML 37Page - List of Unclassifed Manufacturers 10TP581 Datasheet HTML 38Page - List of Unclassifed Manufacturers 10TP581 Datasheet HTML 39Page - List of Unclassifed Manufacturers 10TP581 Datasheet HTML 40Page - List of Unclassifed Manufacturers 10TP581 Datasheet HTML 41Page - List of Unclassifed Manufacturers 10TP581 Datasheet HTML 42Page - List of Unclassifed Manufacturers 10TP581 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
39
Reliability
ZENAMIC
Characteristics
Test Methods
Criterion
Robustness of
Terminations
(Tensile)
Robustness of
Terminations
(Bending)
Humidity
(Steady State)
Vibration
Solderability
Resistance to
Soldering Heat
High Temperature
Storage/Dry Heat
High Temperature
Load/
Dry Heat Load
Low Temperature
Storage/Cold
Damp Heat Load/
Humidity Load
Temperature
Cycle
Mechanical
Environmental
After gradual applying of the force specified below and keeping the unit fixed
for 10 seconds, the terminal shall be visually examined for any damage.
Terminal diameter
Force
0.6mm, 0.8mm
9.8N(1.0kgf)
1.0mm
19.6N(2.0kgf)
The unit shall be secured with its terminal kept vertical and the force
specified below shall be applied in the axial direction.
The terminal shall gradually be bent by 90 in one direction, then 90 in the
opposite direction, and again back to the original position.
The damage of the terminal shall be visually examined.
After repeated applying of a single harmonic vibration (amplitude:0.75mm,
double amplitude:1.5mm) with 1 minute vibration frequency cycle (10 Hz to
55 Hz to 10Hz) to each of three perpendicular directions for 2 hours.
Thereafter, the unit shall be visually examined.
The specimen shall be subjected to 125 2 C for 1000 hours in a
thermostatic bath without load and then stored at room temperature and
normal humidity for 1 to 2 hours. Thereafter, the change of VCmA shall be
measured.
After being continuously applied the Maximum Allowable Voltage at 85
2 C for 1000 hours, the specimen shall be stored at room temperature and
normal humidity for 1 to 2 hours. Thereafter, the change of VCmA shall be
measured.
The specimen shall be subjected to 40 2 C, 90 to 95% RH for 1000 hours
without load and then stored at room temperature and normal humidity for 1
to 2 hours. Thereafter, the change of VCmA shall be measured.
The specimen shall be subjected to 40 2 C, 90 to 95% RH and the
Maximum Allowable Voltage for1000 hours and then stored at room
temperature and normal humidity for 1 to 2 hours. Thereafter, the change of
VCmA shall be measured.
The specimen shall be subjected to
40 2 C without load for1000 hours
and then stored at room temperature and normal humidity for 1 to 2 hours.
Thereafter, the change of VCmA shall be measured.
The following temperature cycle shall be repeated five times and then stored
at room temperature and normal humidity for 1 to 2 hours. The change of
VCmA and mechanical damage shall be examined.
After each lead shall be dipped into a solder bath of 260 5 C to a point
2.0 to 2.5mm from the body of the unit, using shielding board (t 1.5mm),
be held there for 10 1s (5 series:5 1s) and then be stored at room
temperature and normal humidity for 1 to 2 hours.
The change of VCmA and mechanical damage shall be examined.
After dipping the terminals to a depth of approxirnately 3 mm from the body
in a soldering bath of 235 5 C for 2 0.5seconds, the terminal shall be
visually examined.
Terminal diameter
Force
0.6mm,
0.8mm
4.9N(0.5kgf)
1.0mm
9.8N(1.0kgf)
Step
Temperature( C)
Period(minutes)
1
40 3
30 3
2
Room temperature
15 3
3
125 2
30 3
4
Room temperature
15 3
Approximately 95% of
the terminals shall be covered
uniformly with new solder
VCmA/VCmA
5%
No remarkable
mechanical damage
No remarkable
mechanical damage
VCmA/VCmA
5%
No remarkable
mechanical damage
VCmA/VCmA
5%
VCmA/VCmA
10%
VCmA/VCmA
10%
VCmA/VCmA
5%
VCmA/VCmA
5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com