Electronic Components Datasheet Search
  English  ▼

X  

BAS70XY Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAS70XY
Description  General-purpose quadruple Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS70XY Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAS70XY Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS70XY Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS70XY Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS70XY Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS70XY Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS70XY Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS70XY Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS70XY Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BAS70XY
General-purpose quadruple Schottky diode
1 January 2023
Product data sheet
1. General description
General-purpose quadruple Schottky diode in a very small SOT363 (SC-88) Surface-Mounted
Device (SMD) plastic package.
2. Features and benefits
• High switching speed
• Low leakage current
• High breakdown voltage
• Low capacitance
3. Applications
• Ultra high-speed switching
• Voltage clamping
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
-
-
70
mA
VF
forward voltage
IF = 1 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
410
mV
VR
reverse voltage
Tj = 25 °C
-
-
70
V
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
A1
anode (diode 1)
2
K2
cathode (diode 2)
3
A3; K4
anode (diode 3), cathode
(diode 4)
4
A4
anode (diode 4)
5
K3
cathode (diode 3)
6
K1; A2
cathode (diode 1), anode
(diode 2)
1
3
2
4
5
6
TSSOP6 (SOT363)
006aaa256
K3 A4
A1 K2
A3; K4
K1; A2


Similar Part No. - BAS70XY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70XY PHILIPS-BAS70XY Datasheet
137Kb / 20P
General-purpose Schottky diodes
Rev. 08-4 May 2006
BAS70XY NXP-BAS70XY Datasheet
224Kb / 20P
General-purpose Schottky diodes
Rev. 09-13 January 2010
BAS70XY NXP-BAS70XY Datasheet
224Kb / 20P
General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
Nexperia B.V. All right...
BAS70XY-Q NEXPERIA-BAS70XY-Q Datasheet
206Kb / 8P
General-purpose quadruple Schottky diode
7 January 2022
More results

Similar Description - BAS70XY

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
1PS79SB70-Q NEXPERIA-1PS79SB70-Q Datasheet
185Kb / 8P
General-purpose Schottky diode
19 January 2023
BAT32ALS-Q NEXPERIA-BAT32ALS-Q Datasheet
194Kb / 8P
General-purpose Schottky diode
4 August 2022
1PS88SB48 NEXPERIA-1PS88SB48 Datasheet
197Kb / 8P
General-purpose quadruple Schottky diode
7 March 2022
BAS40XY NEXPERIA-BAS40XY Datasheet
198Kb / 8P
General-purpose quadruple Schottky diode
7 March 2022
BAS70-Q NEXPERIA-BAS70-Q Datasheet
197Kb / 8P
General-purpose Schottky diode
2 December 2021
BAS70H-Q NEXPERIA-BAS70H-Q Datasheet
184Kb / 8P
General-purpose Schottky diode
6 January 2022
BAS70XY-Q NEXPERIA-BAS70XY-Q Datasheet
206Kb / 8P
General-purpose quadruple Schottky diode
7 January 2022
BAS40-05V NEXPERIA-BAS40-05V Datasheet
185Kb / 8P
General-purpose quadruple Schottky diode
27 December 2022
BAS40H NEXPERIA-BAS40H Datasheet
177Kb / 8P
General-purpose Schottky diode
2 March 2023
BAS70H NEXPERIA-BAS70H Datasheet
872Kb / 8P
General-purpose Schottky diode
1 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com