Electronic Components Datasheet Search
  English  ▼

X  

MA41FP3 Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA41FP3
Description  Single Output Hall Effect Latch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA41FP3 Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA41FP3 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA41FP3 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/5
MA41F
Major Power Technology Co., Ltd.
Rev.1.0
31
th, Oct., 2019
Single Output Hall Effect Latch
GENERAL DESCRIPTION
MA41F is an integrated Hall effect latched sensor designed for electronic commutation of
brush-less DC motor applications. The device includes an on-chip Hall voltage generator for
magnetic sensing, a comparator that amplifies the Hall voltage, and a Schmitt trigger to
provide switching hysteresis for noise rejection, and open-collector output. An internal
band-gap regulator is used to provide temperature compensated supply voltage for internal
circuits and allows a wide operating supply range.
If a magnetic flux density larger than threshold Bop, OUT is turned on(low). The output
state is held until a magnetic flux density reversal falls below Brp causing OUT to be turned
off (high).
FEATURES
-
4V to 26V DC Operation Voltage
-
Temperature Compensation
-
Wide Operating Voltage Range
-
Open-Collector Pre-Driver
-
25mA Maximum Sinking Output Current.
-
-40°C to 150°C Operating Temperature
-
SIP-3L(TO-92S) Package( Green and Lead Free )
PIN ASSIGNMENT
The package of MA41F is SIP-3L; the pin assignment is given by:
1
VDD
2
GND
3
OUT
(Top View)
SIP-3L
Name
Description
VDD
Supply Voltage
OUT
Output
GND Ground.


Similar Part No. - MA41FP3

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MA410 EXTECH-MA410 Datasheet
216Kb / 12P
400Amp AC Clamp Meter NCV
logo
Taoglas antenna solutio...
MA410.A.LBIJ.001 TAOGLAS-MA410.A.LBIJ.001 Datasheet
9Mb / 57P
MA410 Storm 4in1 Permanent Mount Antenna
logo
Panasonic Semiconductor
MA4100 PANASONIC-MA4100 Datasheet
107Kb / 7P
Silicon planar type
MA41000H PANASONIC-MA41000H Datasheet
107Kb / 7P
Silicon planar type
MA41000L PANASONIC-MA41000L Datasheet
107Kb / 7P
Silicon planar type
More results

Similar Description - MA41FP3

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS177 ANACHIP-ATS177 Datasheet
193Kb / 6P
Single Output Hall Effect Latch
Rev.A6 Jun 23, 2004
logo
Diodes Incorporated
ATS177 DIODES-ATS177 Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
ATS177 DIODES-ATS177_10 Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
logo
Unisonic Technologies
U651 UTC-U651_15 Datasheet
137Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
logo
Major-Power Technology ...
MA7023 MPOWER-MA7023 Datasheet
352Kb / 7P
Single Output Hall Effect Latch
MA7021 MPOWER-MA7021 Datasheet
396Kb / 8P
Single Output Hall Effect Latch
MA177 MPOWER-MA177 Datasheet
231Kb / 5P
Single Output Hall Effect Latch
MA177H MPOWER-MA177H Datasheet
111Kb / 2P
Single Output Hall Effect Latch
Rev.1.1
MA7024 MPOWER-MA7024 Datasheet
123Kb / 2P
Single Output Hall Effect Latch
Rev.1.2
MA7026 MPOWER-MA7026 Datasheet
116Kb / 2P
Single Output Hall Effect Latch
Rev.1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com