Electronic Components Datasheet Search
  English  ▼

X  

MA477K Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA477K
Description  Single Phase Hall Effect Fan Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA477K Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA477K Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA477K Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/7
MA477K
Major Power Technology Co., Ltd.
Rev.1.2
29
th, Dec., 2020
BLOCK DIAGRAM
Regulator
VDD
DOB
DO
GND
H - bridge
MOS Driver
Control
Logic
Thermal
Shutdown
Amp.
Hall
Plate
FG
ORDER / MARKING INFORMATION
Order Information (SIP-4L)
Top Marking (SIP-4L)
Package Type Packing
Blank: Bag
MA477K XX X
P4 : SIP-4L
Y Y WW X
477K
Part number
ID code:internal
WW:01~52
Year:20=2020
Order Information (SOT23-6F)
Top Marking (SOT23-6F)
Package Type
MA477K
Packing
A : Taping
X X
CP: SOT23-6F Blank: Bag
H
Week: 01~26(A~Z)
27~52(a~z)
Year : 0 = 2020
ID Code: Internal
z Y W X
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VDD
30
V
Reverse VDD Polarity Voltage
VRDD
-30
V
Magnetic Flux Density
B
Unlimited
Gauss
Output Current
SIP-4L
VDD = 12V
Continuous
IO
250
mA
Hold
300
Peak (start-up)
500
VDD = 24V
Continuous
IO
200
Hold
250
Peak (start-up)
400



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com