Electronic Components Datasheet Search
  English  ▼

X  

BAT32ALS Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAT32ALS
Description  General-purpose Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT32ALS Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAT32ALS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT32ALS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT32ALS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT32ALS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT32ALS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT32ALS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT32ALS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT32ALS Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Nexperia
BAT32ALS
General-purpose Schottky diode
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 0.1 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
190
mV
IF = 1 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
250
mV
IF = 10 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
300
mV
IF = 100 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tamb = 25 °C
-
-
400
mV
VF
forward voltage
IF = 200 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tamb = 25 °C
-
-
480
mV
VR = 10 V; Tamb = 25 °C
-
-
10
µA
IR
reverse current
VR = 30 V; Tamb = 25 °C
-
-
50
µA
Cd
diode capacitance
VR = 1 V; f = 1 MHz; Tamb = 25 °C
-
-
25
pF
001aaa351
1
10
102
103
IF
(mA)
10- 1
VF (V)
0
0.5
0.4
0.2
0.3
0.1
(1)
(2) (3)
(4)
(1) Tamb = 150 °C
(2) Tamb = 125 °C
(3) Tamb = 85 °C
(4) Tamb = 25 °C
Fig. 1. Forward current as a function of forward
voltage; typical values
001aaa352
VR (V)
0
30
20
10
10- 1
10- 2
10
1
102
IR
(mA)
10- 3
(1)
(2)
(3)
(4)
(1) Tamb = 150 °C
(2) Tamb = 125 °C
(3) Tamb = 85 °C
(4) Tamb = 25 °C
Fig. 2. Reverse current as a function of reverse
voltage; typical values
BAT32ALS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
4 August 2022
3 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com