Electronic Components Datasheet Search
  English  ▼

X  

MA5006BA Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA5006BA
Description  1A, 1.2MHz Low Noise Sync. Buck Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5006BA Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA5006BA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5006BA Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/8
MA5006
Major Power Technology Co., Ltd.
Rev.1.0
8
th, Apr., 2019
1A, 1.2MHz Low Noise Sync.
Buck Converter
GENERAL DESCRIPTION
The MA5006 is a monolithic synchronous buck converter with built-in internal power
MOSFETs. It achieves 1A continuous output current, fixed switching frequency with excellent
load regulation and line regulation.
Current mode operation provides extremely fast transient response and eases of loop
stabilization. Fault condition protection includes cycle-by-cycle current limiting, output short
circuit protection and thermal shutdown. In shutdown mode the regulator draws less than 1μA
of supply current. Internal soft-start minimizes the inrush supply current at initial startup.
The MA5006 requires a minimum number of readily available standard external
components. It is available in SOT23-5L and TSOT23-5L package.
FEATURES
-
2.7V to 5.5V Input Voltage Range.
-
Up to 1A Output Current.
-
300/200mΩ Internal Power MOSFET Switches.
-
Up to 95% Efficiency.
-
40μA Typical Quiescent Current.
-
Less than 1μA Shutdown Current.
-
1.2MHz Switching Frequency.
-
Internal Compensation and Stable with Low ESR Ceramic Capacitors.
-
Internal Build-in Soft-Start Function.
-
Thermal Shutdown Protection.
-
Current Limit Protection.
-
Short-Circuit Protection.
-
Output Adjustable from 0.6V to VIN.
-
Available in SOT23-5L and TSOT23-5L Pb-Free Package.
APPLICATION CIRCUIT
VIN
2.7V to 5.5V
C1
10uF
VIN
L1
2.2uH
MA5006
GND
SW
C8
10uF
FB
R1
450k
Ω
R2
100k
Ω
C6
3.3nF
VOUT
3.3V
EN
ON
OFF
OUT
FB
FB
R1
V
= V
x 1+
, V =0.6V, 60K
R2
300K
R2






Similar Part No. - MA5006BA

ManufacturerPart #DatasheetDescription
logo
ZKTECO CO., LTD. All ri...
MA500 ZKTECO-MA500 Datasheet
696Kb / 2P
Metal Design & Anti-Vandal IP65 Outdoor Fingerprint Access Control
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
MA5001B MPOWER-MA5001B Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
MA5001BA MPOWER-MA5001BA Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
MA5001BT MPOWER-MA5001BT Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
More results

Similar Description - MA5006BA

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5110 AME-AME5110 Datasheet
130Kb / 13P
600mA / 1.2MHz PWM Buck DC-DC Converter
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
1A, 1.2MHz Synchronous Boost Converter
logo
Exar Corporation
XRP6668IDBTR-F EXAR-XRP6668IDBTR-F Datasheet
614Kb / 11P
1A/1A Dual Channel 1.5MHz Sync. Step Down Converter
logo
Linear Technology
LTC3536 LINER-LTC3536_15 Datasheet
2Mb / 28P
1A Low Noise, Buck-Boost DC/DC Converter
logo
E-CMOS Corporation
ELP3301 E-CMOS-ELP3301 Datasheet
349Kb / 9P
1.2MHz,30V/1A High Performance, Boost Converter
logo
Monolithic Power System...
MP2149 MPS-MP2149 Datasheet
451Kb / 13P
6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
MP9148 MPS-MP9148 Datasheet
519Kb / 14P
6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
logo
Linear Technology
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
logo
Monolithic Power System...
EV2149-J-00A MPS-EV2149-J-00A Datasheet
232Kb / 4P
6V, Dual 1A Low Quiescent Current SYNC Buck Regulator
logo
First Silicon Co., Ltd
FTD1469 FS-FTD1469 Datasheet
795Kb / 8P
40V, 800mA, 1.2MHz Synchronous Buck Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com