Electronic Components Datasheet Search
  English  ▼

X  

MA5201 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA5201
Description  18V/2A High Efficiency Synchronous Step-Down DC/DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5201 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA5201 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5201 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/12
MA5201
Major Power Technology Co., Ltd.
Rev.
1.0
Jan.21, 2015
APPLICATION CIRCUIT
VIN
L1
R2
Cout
22uFx2
MLCC
Input
4.6V ~ 18V
CIN
10uF/25V
MLCC
R1
EN
FB
Cup
Option
Output
GND
BST
CBST=100nF
5
1
3
4
2
6
SW
VOUT=VFB × (1+R1/R2), VFB = 0.6V,
PIN ASSIGNMENT
The package of MA5201 is SOT23-6L; the pin assignment is given by:
( Top View )
FB
SW
BST
GND
EN
VIN
Name
Description
BST
Boot-Strap Pin. Supply high side
gate driver. Decouple this pin to LX
pin with 0.1uF ceramic cap.
GND
Ground Pin.
FB
Output Feedback Pin. Connect this
pin to the center point of the output
resistor divider to program the output
voltage: Vout=0.6*(1+R1/R2)
EN
Enable control. Pull high to turn on.
Do not float.
VIN
Input pin. Decouple this pin to GND
pin with at least 1uF ceramic cap
SW
Inductor pin. Connect this pin to the
switching node of inductor



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com