Electronic Components Datasheet Search
  English  ▼

X  

MA5608 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA5608
Description  40V5A Synchronous Buck Converter With 2CH CC/CV
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5608 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA5608 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5608 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/9
MA5608
Major Power Technology Co., Ltd.
Rev.1.1 Apr.12, 2017
PIN ASSIGNMENT
The package of MA5608 is SOP8L-EP(Exposed pad); the pin assignment is given by:
Name
Description
BS
Boot-Strap Pin. Supply high side gate driver.
IN
Power Input pin. Bypass IN to GND with a suitably large capacitor to eliminate noise on the
input to the IC.
SW
Power Switching Output. SW is the switching node that supplies power to the output.
Connect the output LC filter from SW to the output load.
LG
Gate drive for external low side N-MOSFET..
PAD Ground (Connect to GND).
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a
resistive voltage divider from the output voltage.
GND Ground
CS1
The Current Sense 1 pin .
CS2
The Current Sense 2 pin.
ORDER/MARKING INFORMATION
Order Information
Top Marking (SOP-8L)
Package Type
MA5608
Packing
A : Taping
XX X
Blank: Tube
ES: SOP8L-EP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com