Electronic Components Datasheet Search
  English  ▼

X  

BAT54CV Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAT54CV
Description  Two Schottky barrier double diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT54CV Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAT54CV Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT54CV Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT54CV Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT54CV Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT54CV Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT54CV Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT54CV Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT54CV Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Nexperia
BAT54CV
Two Schottky barrier double diodes
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
A1
anode (diode 1)
2
A2
anode (diode 2)
3
K3: K4
common cathode (diode 3
and diode 4)
4
A3
anode (diode 3)
5
A4
anode (diode 4)
6
K1: K2
common cathode (diode 1
and diode 2)
1
2
3
4
5
6
SOT666
1
5
6
2
3
4
sym057
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAT54CV
SOT666
plastic, surface-mounted package; 6 leads; 0.5 mm pitch;
1.6 mm x 1.2 mm x 0.55 mm body
SOT666
7. Marking
Table 4. Marking codes
Type number
Marking code
BAT54CV
C5
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
30
V
IF
forward current
-
200
mA
IFRM
repetitive peak forward
current
tp ≤ 10 ms; δ ≤ 0.5
-
0.85
A
IFSM
non-repetitive peak
forward current
square-wave pulse; tp < 10 ms;
Tj(init) = 25 °C
[1]
-
2
A
Per device; one diode loaded
[2] [3]
-
350
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[2] [4]
-
420
mW
Tj
junction temperature
-
125
°C
Tamb
ambient temperature
-65
125
°C
BAT54CV
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
27 December 2022
2 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com