Electronic Components Datasheet Search
  English  ▼

X  

BAT74V Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAT74V
Description  Schottky barrier double diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT74V Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAT74V Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT74V Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT74V Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT74V Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT74V Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT74V Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT74V Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT74V Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Nexperia
BAT74V
Schottky barrier double diode
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAT74V
SOT666
plastic, surface-mounted package; 6 leads; 0.5 mm pitch;
1.6 mm x 1.2 mm x 0.55 mm body
SOT666
7. Marking
Table 4. Marking codes
Type number
Marking code
BAT74V
74
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
30
V
IF
forward current
-
200
mA
IFRM
repetitive peak forward
current
tp ≤ 1 s; δ ≤ 0.5
-
300
mA
IFSM
non-repetitive peak
forward current
tp < 10 ms; Tj(init) = 25 °C
-
600
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
-
230
mW
Tj
junction temperature
-
125
°C
Tamb
ambient temperature
-65
125
°C
Tstg
storage temperature
-65
150
°C
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] [2] -
-
416
K/W
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
[2] The only recommended soldering method is reflow soldering.
BAT74V
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
27 December 2022
2 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com