Electronic Components Datasheet Search
  English  ▼

X  

SC-604 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC-604
Description  Speech And Music Processor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SC-604 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC-604 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC-604 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SC-604
Speech And Music Processor
Data sheet
© 2002 Sensory Inc.
P/N 80-0208-B
1
Features
Advanced, Integrated Speech Synthesizer for
High-Quality Sound
Operates up to 12.32 MHz (Performs up to 12
MIPS)
Slave Mode Enables Hours of Speech Using an
External Processor and Memory
Master Mode Allows 6.8 Minutes of Speech
Onboard
Supports High-Quality Synthesis Algorithms
such as MX, CX, Simple CX, LX, ADPCM, and
Polyphonic Music
Simultaneous Speech Plus Music Capabilities
Very Low-Power Operation, Ideal for Hand-Held
Devices
Low-Voltage Operation, Sustainable by Three
(3) Batteries
Reduced Power Standby Modes, Less Than 10
µA in Deep-Sleep Mode
16 General-Purpose I/O Pins (in Master Mode)
or 4 General-Purpose I/O Pins (in Slave Mode)
Resistor-Trimmed Oscillator or 32.768-kHz
Crystal Reference Oscillator
Slave Interface Logic Contains 64K Bytes-
Words Onboard ROM (2K Words Reserved)
640-Word RAM
Direct Speaker Drive, 32
Ω (PDM)
One-Bit Comparator With Edge Detection
Interrupt Service
Serial Scan Port for In-Circuit Emulation,
Monitor, and Test
Available in Die Form or 64-Pin LQFP Package
Description
The
SC-604
is
a
low-cost,
mixed-signal
processor that combines a speech synthesizer
with a dedicated slave interface logic, general-
purpose I/O, onboard ROM, and direct speaker-
drive in a single package. The computational
unit uses a powerful new DSP that gives the SC-
604 unprecedented speed and computational
flexibility compared with previous devices of its
type. The SC-604 supports a variety of speech
and audio coding algorithms, providing a range
of options with respect to speech duration and
sound quality.
The device consists of a micro-DSP core,
embedded program and data memory, and a self-contained clock generation system. General-purpose
periphery is comprised of 16 bits of partially configurable I/O.
The core processor is a general-purpose 16-bit microcontroller with DSP capability. The basic core block
includes a computational unit (CU), data address unit, program address unit, two timers, eight-level interrupt
processor, and several system and control registers. The core processor gives the SC-604break-point capability
in emulation.
The processor is a Harvard type for efficient DSP algorithm execution, separating program and data memory
blocks to permit simultaneous access. The ROM has a protection scheme to prevent third-party pirating. It is
configured in 32K 17-bit words.
The total ROM space is divided into two areas:
1) The lower 2K words are reserved by Sensory, Inc. for a built-in self-test
2) The upper 30K is for user program and data space.
SC-691 Block Diagram
16-Bit
Microprocessor
640-words
RAM
TIMER 1
TIMER 2
PLLM
10-Bit
DAC
SLAVE LOGIC
64K-Bytes ROM
COMPARATOR


Similar Part No. - SC-604

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SC-60 COOPER-SC-60 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A
logo
Eaton All Rights Reserv...
SC-60 EATON-SC-60 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
logo
List of Unclassifed Man...
SC-601 ETC1-SC-601 Datasheet
259Kb / 8P
Speech And Music Processor
SC-601DIE ETC1-SC-601DIE Datasheet
259Kb / 8P
Speech And Music Processor
SC-601LQFP ETC1-SC-601LQFP Datasheet
259Kb / 8P
Speech And Music Processor
More results

Similar Description - SC-604

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
Universal Speech Processor
logo
List of Unclassifed Man...
ISD-T267SP ETC-ISD-T267SP Datasheet
4Mb / 100P
DIGITAL SPEECH PROCESSOR
RSC-164 ETC1-RSC-164 Datasheet
129Kb / 10P
General Purpose Microcontroller Featuring Speech Recognition, Speech & Music Synthesis, Speaker Verification and Audio Record/Playback
80-0207-A ETC1-80-0207-A Datasheet
259Kb / 8P
Speech And Music Processor
80-0209-A ETC1-80-0209-A Datasheet
268Kb / 8P
Speech And Music Processor
80-0210-C ETC1-80-0210-C Datasheet
271Kb / 9P
Speech And Music Processor
80-0211-C ETC1-80-0211-C Datasheet
349Kb / 12P
Speech And Music Processor
80-0213-B ETC1-80-0213-B Datasheet
502Kb / 2P
SPEECH AND MUSIC PROCESSORS
SC-6X ETC2-SC-6X Datasheet
169Kb / 2P
SPEECH AND MUSIC PROCESSORS
SAM5704B ETC1-SAM5704B Datasheet
1Mb / 89P
AUDIO & MUSIC MULTI-DSP PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com