Electronic Components Datasheet Search
  English  ▼

X  

ICS-I370 Datasheet(PDF) 1 Page - Lanner All Rights Reserved.

Part # ICS-I370
Description  Industrial Grade Cyber Security Appliance with Intel Atom™ E3900 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.

ICS-I370 Datasheet(HTML) 1 Page - Lanner All Rights Reserved.

  ICS-I370 Datasheet HTML 1Page - Lanner All Rights Reserved. ICS-I370 Datasheet HTML 2Page - Lanner All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ICS-I370
Industrial Grade Cyber Security Appliance
with Intel® Atom™ E3900 Processor
Features
Preliminary Specifications
• Industrial Grade Cyber Security Platform
• Intel® Atom™ x7-E3950 / x5-E3940 (Apollo Lake)
• 8x, 6x or 4x GbE RJ45 ports with 1 or 2 pairs Bypass, SKU C,D,F
with 2x GbE SFP
• Onboard TPM 2.0
• 2x USB 3.0, 1x DB9 console, 2x DIO, 64GB eMMC onboard
• M.2 B-key for LTE/5G sub6 with dual SIM, M.2 E-Key for WiFi
Processor System
CPU
Intel® Atom™ x7-E3950 / x5-E3940
Frequency
1.60 GHz
Core Number
4
BIOS
AMI SPI Flash BIOS
Chipset
N/A
Memory
Technology
DDR3L, non ECC
Max. Capacity
8 GB
Socket
1 x SODIMM
Graphic
Controller
Intel HD Graphics 500
Display
1 x DP port
Ethernet
Controller
LAN3 & LAN4 by using Intel i210-IS/IT/AT ;
LAN1 &LAN2 by using Intel i210-IT /AT
Speed
10/100/1000 Mbps
Interface
8x, 6x or 4x GbE RJ45 ports with 1 or 2
pairs Bypass, SKU C,D,F with 2x GbE SFP
LAN Bypass
1 or 2 pairs
Storage
Storage Interface
Onboard eMMC 64GB
1x mSATA
1x SATA for 2.5” SSD/HDD or m-SATA
by connecting to m-SATA board (design
reserved)
HDD Support
1x 2.5” storage Drive (design reserved)
I/O
Serial Port
1 x DB9 Console
USB Port
2x USB 3.0 type A
Reset Button
Default H/W reset, selectable by jumper to
SW reset
Power Control
2 pin terminal block for power on/off
control
LED
HDD, Power, LTE Status, LTE Signal, DI/DO,
LAN TX/RX
Watchdog Timer
Watchdog timer 256 level time interval system reset, software program-
mable
Power
Power Supply Voltage
Dual DC input from 12~36V
Connector
1x 6-pin terminal block for dual DC input
from 12~36V
Dual power inputs
Yes
Power Consumption (Idle)
TBD
Power Consumption (Full
Load)
TBD
Power Adaptor
None
Environment
Operating Temperature
-40 ~ 70ºC with LTE
Non-Operating Temperature
-40 ~ 70ºC
Humidity
Operating Relative Humidity: 10~90%
Non-Operating Humidity: 5~95%
Mechanical
Dimension (W x H x D)
160 x 156.5 x 81 mm
System Cooling
Fanless
Construction
Aluminum + SGCC
Weight
2 kg
Mounting
DIN rail or Wall mount
Driver Support
Microsoft Windows
Win 10 IoT
Linux
Kernal 3.X
Certification
EMC
CE/FCC Class A
Safety
UL
lmages are for refernce only. See ordering information for SKU details.


Similar Part No. - ICS-I370

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
ICS-03 SOVICO-ICS-03 Datasheet
134Kb / 1P
Ceiling Speaker
ICS-10 SOVICO-ICS-10 Datasheet
142Kb / 1P
Ceiling Speaker
ICS-3 SOVICO-ICS-3 Datasheet
134Kb / 1P
Ceiling Speaker
ICS-30 SOVICO-ICS-30 Datasheet
208Kb / 1P
Ceiling Speaker
logo
Adam Technologies, Inc.
ICS-320-T ADAM-TECH-ICS-320-T Datasheet
104Kb / 1P
IC SOCKETS SINGLE & DUAL ROW .100 [2.54] CENTERLINE
More results

Similar Description - ICS-I370

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-7569 ADVANTECH-SOM-7569 Datasheet
832Kb / 2P
Intel Atom E3900 Pentium
logo
DFI Inc
ALF51 DFI-ALF51 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
AL253 DFI-AL253 Datasheet
943Kb / 2P
Intel Atom Processor E3900 Series 4 SBC
AL553 DFI-AL553 Datasheet
939Kb / 2P
Intel Atom Processor E3900 Series 3.5 SBC
AL700 DFI-AL700 Datasheet
624Kb / 2P
Intel Atom Processor E3900 Series Qseven
AL701 DFI-AL701 Datasheet
1Mb / 1P
Intel Atom Processor E3900 Series Qseven
logo
Adlink Technology Inc.
MXE-210 ADLINK-MXE-210 Datasheet
711Kb / 2P
Intel Atom Processor E3900 Family-Based Embedded platform
logo
Lanner All Rights Reser...
LEC-6032C LANNER-LEC-6032C Datasheet
248Kb / 2P
Industrial Grade Cyber Security Appliance with Intel짰 Atom??E3845 Processor
logo
Advantech Co., Ltd.
FWA-1211 ADVANTECH-FWA-1211 Datasheet
825Kb / 2P
Industrial Grade Cyber Security Appliance based on Intel® Atom™ x5-E3940/ x5-E3930 Processor
17-Jun-2021
AIM-65 ADVANTECH-AIM-65_V01 Datasheet
1Mb / 6P
8" Industrial-Grade Tablet with Intel® Atom™ Processor
16-May-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com