Electronic Components Datasheet Search
  English  ▼

X  

ADG3301 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG3301
Description  Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3301 Datasheet(HTML) 3 Page - Analog Devices

  ADG3301 Datasheet HTML 1Page - Analog Devices ADG3301 Datasheet HTML 2Page - Analog Devices ADG3301 Datasheet HTML 3Page - Analog Devices ADG3301 Datasheet HTML 4Page - Analog Devices ADG3301 Datasheet HTML 5Page - Analog Devices ADG3301 Datasheet HTML 6Page - Analog Devices ADG3301 Datasheet HTML 7Page - Analog Devices ADG3301 Datasheet HTML 8Page - Analog Devices ADG3301 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADG3301
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VCCY = 1.65 V to 5.5 V, VCCA = 1.15 V to VCCY, GND = 0 V. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter1
Symbol
Conditions
Min
Typ2
Max
Unit
LOGIC INPUTS/OUTPUTS
A Side
Input High Voltage3
VIHA
VCCA = 1.15 V
VCCA − 0.3
V
VIHA
VCCA = 1.2 V to 5.5 V
0.65 × VCCA
Input Low Voltage3
VILA
0.35 × VCCA
V
Output High Voltage
VOHA
VY = VCCY, IOH = 20 µA, see Figure 27
VCCA − 0.4
V
Output Low Voltage
VOLA
VY = 0 V, IOL = 20 µA, see Figure 27
0.4
V
Capacitance3
CA
f = 1 MHz, EN = 0, see Figure 32
9
pF
Leakage Current
ILA,HiZ
VA = 0 V/VCCA, EN = 0, see Figure 29
±1
µA
Y Side
Input High Voltage3
VIHY
0.65 × VCCY
V
Input Low Voltage3
VILY
0.35 × VCCY
V
Output High Voltage
VOHY
VA = VCCA, IOH = 20 µA, see Figure 28
VCCY − 0.4
V
Output Low Voltage
VOLY
VA = 0 V, IOL = 20 µA, see Figure 28
0.4
V
Capacitance3
CY
f = 1 MHz, EN = 0, see Figure 33
6
pF
Leakage Current
ILY,HiZ
VY = 0 V/VCCY, EN = 0, see Figure 30
±1
µA
Enable (EN)
Input High Voltage3
VIHEN
VCCA = 1.15 V
VCCA − 0.3
V
VIHEN
VCCA = 1.2 V to 5.5 V
0.65 × VCCA
V
Input Low Voltage3
VILEN
0.35 × VCCA
V
Leakage Current
ILEN
VEN = 0 V/VCCA, VA = 0 V, see Figure 31
±1
µA
Capacitance3
CEN
3
pF
Enable Time3
tEN
RS = RT = 50 Ω, VA = 0 V/VCCA (A
→Y),
VY = 0 V/VCCY(Y
→A), see Figure 34
1
1.8
µs
SWITCHING CHARACTERISTICS3
3.3 V ± 0.3 V ≤ VCCA ≤ VCCY, VCCY = 5 V ± 0.5 V
A
→Y Level Translation
RS = RT = 50 Ω, CL = 50 pF,
see Figure 35
Propagation Delay
tP,A→Y
6
10
ns
Rise Time
tR,A→Y
2
3.5
ns
Fall Time
tF,A→Y
2
3.5
ns
Maximum Data Rate
DMAX,A→Y
50
Mbps
Part-to-Part Skew
tPPSKEW,A→Y
3
ns
Y
→A Level Translation
RS = RT = 50 Ω, CL = 15 pF,
see Figure 36
Propagation Delay
tP,Y→A
4
7
ns
Rise Time
tR,Y→A
1
3
ns
Fall Time
tF,Y→A
3
7
ns
Maximum Data Rate
DMAX,Y→A
50
Mbps
Part-to-Part Skew
tPPSKEW,Y→A
2
ns
1.8 V ± 0.15 V ≤ VCCA ≤ VCCY, VCCY= 3.3 V ± 0.3 V
A
→Y Translation
RS = RT = 50 Ω, CL = 50 pF,
see Figure 35
Propagation Delay
tP,A→Y
8
11
ns
Rise Time
tR,A→Y
2
5
ns
Fall Time
tF,A→Y
2
5
ns
Maximum Data Rate
DMAX,A→Y
50
Mbps
Part-to-Part Skew
tPPSKEW,A→Y
4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com