Electronic Components Datasheet Search
  English  ▼

X  

AN2701 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # AN2701
Description  PWM Generation with the HC08 Timer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN2701 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button AN2701 Datasheet HTML 5Page - Freescale Semiconductor, Inc AN2701 Datasheet HTML 6Page - Freescale Semiconductor, Inc AN2701 Datasheet HTML 7Page - Freescale Semiconductor, Inc AN2701 Datasheet HTML 8Page - Freescale Semiconductor, Inc AN2701 Datasheet HTML 9Page - Freescale Semiconductor, Inc AN2701 Datasheet HTML 10Page - Freescale Semiconductor, Inc AN2701 Datasheet HTML 11Page - Freescale Semiconductor, Inc AN2701 Datasheet HTML 12Page - Freescale Semiconductor, Inc AN2701 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PWM Period (timer ticks)
Bus Frequency
Timer Prescaler
PWM Frequency
×
---------------------------------------------------------------------------------------------
=
PWM Mark Time (timer ticks)
PWM Period
Duty Cycle (as an integer percentage)
×
100
---------------------------------------------------------------------------------------------------------------------------------------------
=
PWM Space Time (timer ticks)
PWM Period
PWM Mark Time
–
=
PWM Generation During Break or Software Interrupt
PWM Generation with the HC08 Timer, Rev. 0
Freescale Semiconductor
9
Eq. 1
Eq. 2
Eq. 3
Once the timer channel is configured, the PWM signal can be generated using the timer channel interrupt.
This should be configured to call the channel interrupt service routine (ISR), loading the timer compare
register with its current value added to the length desired (mark or space). This is achieved by identifying
whether the last action was a negative or positive edge (the port pin toggles on output compare), and
loading the compare register with the next appropriate value.
If the port pin is at logic one (or zero), a mark (or space) is to be added.
NOTE
In this case, the overflow flag and interrupt are not relevant as the counter
is used as free-running with roll-over.
The sample code in the appendix at the end of this document gives an example of how to apply this
principle.
Limitations
The MCU must be able to service the timer PWM interrupts in time for the next edge to be configured.
This sets an upper limit on the frequency/resolution of PWM signal that can be reproduced, and will vary
from system to system depending on the MCU application. It is the responsibility of the system designer
to ensure that the core can update the compare registers in sufficient time using the ISR under maximum
core loading conditions.
A secondary limitation is that using the timer module incurs a greater degree of core overhead, as the
timer module has to be serviced at every edge transition (interrupt). This does not happen with the
unbuffered PWM via modulo counter, as the toggling mechanism is independent of the core and code
execution. The described method of PWM generation is likely to be more suited to slower rate PWM
requirements, due to the overhead generated by having to service an interrupt for each edge of each
PWM signal.
PWM Generation During Break or Software Interrupt
The HC08 data sheet states that the timer is stopped during a break. It is important to distinguish a Break
from a software interrupt (SWI) instruction.
The Break Module (BRK) is primarily used in a debugging/development context. For example,
breakpoints in monitor mode are generated using this module. This explains why the debugger stops
program execution when an address match or BRKA bit-mask is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com