Electronic Components Datasheet Search
  English  ▼

X  

IRMCS2033 Datasheet(PDF) 18 Page - International Rectifier

Part # IRMCS2033
Description  Low Voltage Sensorless Drive Design Platform for Permanent Magnet Motors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2033 Datasheet(HTML) 18 Page - International Rectifier

Back Button IRMCS2033 Datasheet HTML 13Page - International Rectifier IRMCS2033 Datasheet HTML 14Page - International Rectifier IRMCS2033 Datasheet HTML 15Page - International Rectifier IRMCS2033 Datasheet HTML 16Page - International Rectifier IRMCS2033 Datasheet HTML 17Page - International Rectifier IRMCS2033 Datasheet HTML 18Page - International Rectifier IRMCS2033 Datasheet HTML 19Page - International Rectifier IRMCS2033 Datasheet HTML 20Page - International Rectifier IRMCS2033 Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
IRMCS2033
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
17
Address Byte
HP_A = 1
Data Byte 0
HP_A = 0
…………….
HP_A = 0
Data Byte N
HP_A = 0
Host Parallel Data Transfer Format
Figure 9 and Table 2 show read cycle timing for the host parallel interface. Figure 10 and Table 3 show write cycle
timing.
HP_nWE
HP_D [7:0]
HP_nOE
HP_A
HP_nCS
t
HPCSN
VALID
t
HPWENS
t
HPAS
t
HPDZ
t
HPOEN
t
AHPD
t
HPOENS
t
HPA
t
HPZD
Figure 9. Host Parallel Read Cycle Timing
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
S
NOTE
tHPCSN
HP_nCS Period
70
ns
tHPWENS
HP_nWE Setup
40
ns
Note 3
tHPAS
HP_A Setup
40
ns
tAHPD
HP_D [7:0] Access
60
105
ns
tHPZD
HP_D [7:0] Active
0
9
ns
tHPDZ
HP_D [7:0] High Impedance
0
6
ns
tHPOENS
HP_nOE Setup
40
ns
Note 3
tHPOEN
HP_nOE Period
70
ns
Table 2: Host Parallel Read Cycle Timing
Note:
1. HP_nOE, HP_nWE must be stable before the high to low transition of HP_nCS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com