Electronic Components Datasheet Search
  English  ▼

X  

BCY89 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCY89
Description  NPN general purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCY89 Datasheet(HTML) 3 Page - NXP Semiconductors

  BCY89 Datasheet HTML 1Page - NXP Semiconductors BCY89 Datasheet HTML 2Page - NXP Semiconductors BCY89 Datasheet HTML 3Page - NXP Semiconductors BCY89 Datasheet HTML 4Page - NXP Semiconductors BCY89 Datasheet HTML 5Page - NXP Semiconductors BCY89 Datasheet HTML 6Page - NXP Semiconductors BCY89 Datasheet HTML 7Page - NXP Semiconductors BCY89 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Jun 20
3
Philips Semiconductors
Product specification
NPN general purpose transistors
BCY87; BCY88; BCY89
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
45
V
VCEO
collector-emitter voltage
open base
−
40
V
VEBO
emitter-base voltage
open collector
−
5V
IC
collector current (DC)
−
30
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
−
150
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
175
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
1
K/mW
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per transistor
ICBO
collector cut-off current
IE = 0; VCB =20V; Tamb =90 °C
BCY87
−−
5nA
BCY88
−−
20
nA
ICBO
collector cut-off current
IE = 0; VCB =20V
BCY89
−−
10
nA
hFE
DC current gain
VCE =10V
BCY87
IC =5 µA80
−−
BCY88
IC = 500 µA
120
−
600
BCY89
IC = 10 mA
100
−
600
hFE
DC current gain
IC =50 µA; VCE = 10 V
100
−
450
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz −−
3.5
pF
fT
transition frequency
IE = −50 µA; VCE =10V;
f = 100 MHz
10
−−
MHz
IE = −500 µA; VCE =10V;
f = 100 MHz
50
−−
MHz
F
noise figure
IC = 200 µA; VCE =5V;
RS =2kΩ; f = 10 Hz to 15.7 kHz
−−
4dB
F
noise figure
IC = 200 µA; VCE =5V;
RS =2kΩ; f = 1 kHz; B = 200 Hz
BCY87
−−
4dB
BCY88; BCY89
−−
5dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com