Electronic Components Datasheet Search
  English  ▼

X  

TS5A3166DBVR Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # TS5A3166DBVR
Description  0.9-OHM SPST ANALOG SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TS5A3166DBVR Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button TS5A3166DBVR Datasheet HTML 8Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 9Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 10Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 11Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 12Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 13Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 14Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 15Page - National Semiconductor (TI) TS5A3166DBVR Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TS5A3166
0.9 W SPST ANALOG SWITCH
SCDS186 − FEBRUARY 2005
www.ti.com
12
TYPICAL PERFORMANCE
0
2
4
6
8
10
12
−60
−40
−20
0
20
40
60
80
100
TA (°C)
Figure 7. tON and tOFF vs Temperature (V+ = 5 V)
tON
tOFF
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
12345
6
V+ (V)
Figure 8. Logic Threshold vs V+
VIH
VIL
−8
−7
−6
−5
−4
−3
−2
−1
0
Figure 9. Gain vs Frequency (V+ = 5 V)
Frequency (MHz)
0.1
1
1000
10
100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
Figure 10. OFF Isolation vs Frequency
(V+ = 5 V)
Frequency (MHz)
0.1
1
1000
10
100
0.000
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0
Figure 11. Total Harmonic Distortion vs
Frequency (V+ = 5 V)
Frequency (Hz)
10
100
100000
1000
10000
V+ = 5 V
V+ = 3.3 V
0
10
20
30
40
50
60
−60
−40
−20
0
20
40
60
80
100
TA (°C)
Figure 12. Power-Supply Current vs
Temperature (V+ = 5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com