Electronic Components Datasheet Search
  English  ▼

X  

89503 Datasheet(PDF) 1 Page - Belden Inc.

Part # 89503
Description  RS232, #24-3pr, FEP, O/A Foil, FEP Jkt, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

89503 Datasheet(HTML) 1 Page - Belden Inc.

  89503 Datasheet HTML 1Page - Belden Inc. 89503 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 89503
RS232, #24-3pr, FEP, O/A Foil, FEP Jkt, CMP
Product Description
Computer EIA RS-232 Cable, 24 AWG stranded (7x32) tinned copper conductors, FEP insulation, 3 twisted pair, overall Beldfoil® shield (100% coverage), 24
AWG stranded tinned copper drain wire, FEP jacket, plenum rated
Technical Specifications
Product Overview
Suitable Applications:
extreme high/low temperature environments; rs-232 applications; computer communications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …);
line level audio; panel wiring
Construction Details
Conductor
Element Number of Element Size Stranding
Material
Pair(s)
3
24
7x32
TC - Tinned Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
FEP - Fluorinated Ethylene Propylene 0.006 in (0.15 mm) 0.036 in (0.91 mm)
Black & Red, Black & White, Black & Green
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
FEP - Fluorinated Ethylene Propylene 0.015 in (0.38 mm) 0.177 in (4.50 mm)
Electrical Characteristics
Electricals
Nom. Conductor DCR
Nom. Inner Shield DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
28.8 Ohm/1000ft
10.46 Ohm/1000ft (34.32 Ohm/km) 21 pF/ft (69 pF/m)
40 pF/ft (130 pF/m)
1.5 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
150°C
-70°C To +150°C
Bend Radius
Stationary Min.
Installation Min.
1.77 in (45.0 mm) 1.77 in (45.0 mm)


Similar Part No. - 89503

ManufacturerPart #DatasheetDescription
logo
Littelfuse
895030 LITTELFUSE-895030 Datasheet
172Kb / 1P
Low Prroffiille JCASE Fuses
logo
Clarke International
8950357 CLARKE-8950357 Datasheet
3Mb / 16P
POWER WASHER
LS0818 - ISS 10
More results

Similar Description - 89503

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
88777 BELDEN-88777 Datasheet
250Kb / 3P
Audio, Control & Instrument, #22-3pr, FEP, Indiv. Foil, FEP Jkt, CMP
82502 BELDEN-82502 Datasheet
157Kb / 2P
RS232, #24-2pr, FEP, O/A Foil, LS-PVC Jkt, CMP
05-05-2023
82503 BELDEN-82503 Datasheet
158Kb / 2P
RS232, #24-3pr, FEP, O/A Foil, LS-PVC Jkt, CMP
01-20-2023
82504 BELDEN-82504 Datasheet
158Kb / 2P
RS232, #24-4pr, FEP, O/A Foil, LS-PVC Jkt, CMP
05-05-2023
82505 BELDEN-82505 Datasheet
161Kb / 2P
RS232, #24-5pr, FEP, O/A Foil, LS-PVC Jkt, CMP
05-05-2023
82506 BELDEN-82506 Datasheet
159Kb / 2P
RS232, #24-6pr, FEP, O/A Foil, LS-PVC Jkt, CMP
05-05-2023
82509 BELDEN-82509 Datasheet
161Kb / 2P
RS232, #24-9pr, FEP, O/A Foil, LS-PVC Jkt, CMP
05-05-2023
82641 BELDEN-82641 Datasheet
182Kb / 2P
RS232, #24-1pr, FEP, O/A Foil, LS-PVC Jkt, CMP
01-20-2023
89504 BELDEN-89504 Datasheet
159Kb / 2P
RS232, #24-4pr, FEP, O/A Foil, FEP Jkt, CMP
01-20-2023
89505 BELDEN-89505 Datasheet
162Kb / 2P
RS232, #24-5pr, FEP, O/A Foil, FEP Jkt, CMP
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com