Electronic Components Datasheet Search
  English  ▼

X  

89705 Datasheet(PDF) 1 Page - Belden Inc.

Part # 89705
Description  RS232/422 Low Cap, #24-5pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

89705 Datasheet(HTML) 1 Page - Belden Inc.

  89705 Datasheet HTML 1Page - Belden Inc. 89705 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 89705
RS232/422 Low Cap, #24-5pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
Product Description
Computer EIA RS-232/422, Digital Audio Cable, 5-Pair, 24 AWG stranded (7x32) tinned copper conductor, foam FEP insulation, individually shielded pairs with
Beldfoil® (100% coverage), 24 AWG stranded tinned copper drain wire, overall fluorocopolymer jacket, plenum rated
Technical Specifications
Product Overview
Suitable Applications:
extreme high temperature environments; RS-232 extended distance applications; RS-422 applications; computer communication; low voltage analog signals (4-20ma, 0-10v, ...);
low voltage digital control (24v, …); digital audio; panel wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
5
24 AWG 7x32
TC - Tinned Copper
Insulation
Element
Material
Nom.
Thickness
Color Code
Pair(s)
FEP - Fluorinated Ethylene
Propylene (Foam)
0.019 in (0.48
mm)
White/Blue Stripe & Blue/White Stripe, White/Orange Stripe & Orange/White Stripe, White/Green Stripe & Green/White Stripe, White/Brown
Stripe & Brown/White Stripe, White/Gray Stripe & Gray/White Stripe
Red, Green, Blue
Inner Shield
Element Shield Type
Material
Coverage
Drainwire Type
Notes
Pair(s)
Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC each pair
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVDF - Polyvinylidene Fluoride 0.014 in (0.36 mm) 0.327 in (8.31 mm)
Overall Cable Diameter
(Nominal):
0.327 in (8.31 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Pair(s)
24 Ohm/1000ft (79
Ohm/km)
13.5 pF/ft (44.3 pF/m)
22.5 pF/ft (73.8 pF/m)
100 Ohm
76%
2 Amps per Conductor at
25ºC
Voltage
UL Voltage Rating
300 V (CMP)
Mechanical Characteristics
Temperature
UL Temperature
Operating


Similar Part No. - 89705

ManufacturerPart #DatasheetDescription
logo
Littelfuse
897002 LITTELFUSE-897002 Datasheet
244Kb / 1P
Low Prroffiille MIINII Fuses
897003 LITTELFUSE-897003 Datasheet
244Kb / 1P
Low Prroffiille MIINII Fuses
897004 LITTELFUSE-897004 Datasheet
244Kb / 1P
Low Prroffiille MIINII Fuses
897005 LITTELFUSE-897005 Datasheet
244Kb / 1P
Low Prroffiille MIINII Fuses
897010 LITTELFUSE-897010 Datasheet
244Kb / 1P
Low Prroffiille MIINII Fuses
More results

Similar Description - 89705

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
88103 BELDEN-88103 Datasheet
159Kb / 2P
RS232/422 Low Cap, #24-3pr, FFEP, O/A Foil, PVDF Jkt, CMP, 100Ω
01-20-2023
88105 BELDEN-88105 Datasheet
199Kb / 2P
RS232/422 Low Cap, #24-5pr, FFEP, O/A Foil, PVDF Jkt, CMP, 100Ω
04-27-2023
88106 BELDEN-88106 Datasheet
200Kb / 2P
RS232/422 Low Cap, #24-6pr, FFEP, O/A Foil, PVDF Jkt, CMP, 100Ω
04-27-2023
88109 BELDEN-88109 Datasheet
162Kb / 2P
RS232/422 Low Cap, #24-9pr, FFEP, O/A Foil, PVDF Jkt, CMP, 100Ω
05-05-2023
89728 BELDEN-89728 Datasheet
209Kb / 2P
RS232/422 Low Cap, #24-4pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
01-20-2023
89729 BELDEN-89729 Datasheet
194Kb / 2P
RS-232/422 Low Cap, #24-2pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
04-27-2023
89730 BELDEN-89730 Datasheet
164Kb / 2P
RS232/422 Low Cap, #24-3pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
01-20-2023
89731 BELDEN-89731 Datasheet
162Kb / 2P
RS232/422 Low Cap, #24-6pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
01-20-2023
89732 BELDEN-89732 Datasheet
166Kb / 2P
RS232/422 Low Cap, #24-9pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
01-20-2023
89734 BELDEN-89734 Datasheet
219Kb / 2P
RS232/422 Low Cap, #24-12pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
04-27-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com