Electronic Components Datasheet Search
  English  ▼

X  

89732 Datasheet(PDF) 1 Page - Belden Inc.

Part # 89732
Description  RS232/422 Low Cap, #24-9pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

89732 Datasheet(HTML) 1 Page - Belden Inc.

  89732 Datasheet HTML 1Page - Belden Inc. 89732 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 89732
RS232/422 Low Cap, #24-9pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
Product Description
Computer EIA RS-232/422, Digital Audio Cable, 9-Pair, 24 AWG stranded (7x32) tinned copper conductor, foam FEP insulation, individually shielded pairs with
Beldfoil® (100% coverage), 24 AWG stranded tinned copper drain wire, overall fluorocopolymer jacket, plenum rated
Technical Specifications
Product Overview
Suitable Applications:
extreme high temperature environments; RS-232 extended distance applications; RS-422 applications; computer communication; low voltage analog signals (4-20ma, 0-10v, ...);
low voltage digital control (24v, …); line level audio; panel wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
9
24 AWG 7x32
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
FEP - Fluorinated Ethylene Propylene (Foam) 0.019 in (0.48 mm) 0.062 in (1.6 mm)
Western Electric Standard
Red, Green, Blue
Inner Shield
Element Shield Type
Material
Coverage
Drainwire Type
Notes
Pair(s)
Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC each pair
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVDF - Polyvinylidene Fluoride 0.016 in (0.41 mm) 0.433 in (11.0 mm)
Overall Cable Diameter
(Nominal):
0.433 in (11.0 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Nom. Inner Shield DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other
(Conds + Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Pair(s)
28.8 Ohm/1000ft
16.19 Ohm/1000ft (53.12
Ohm/km)
13.5 pF/ft (44.3 pF/m)
22.5 pF/ft (73.8 pF/m)
100 Ohm
76%
1.96 Amps per Conductor
at 25ºC
Voltage
UL Voltage Rating
300 V (CMP)
Mechanical Characteristics
Temperature
UL Temperature
Operating
150°C
-15°C to +150°C


Similar Part No. - 89732

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
8973 CPI-8973 Datasheet
98Kb / 1P
RF Amplifier
logo
Altech corporation
8973.2 ALTECH-8973.2 Datasheet
85Kb / 2P
INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
8973.3 ALTECH-8973.3 Datasheet
85Kb / 2P
INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
logo
Belden Inc.
89730 BELDEN-89730 Datasheet
164Kb / 2P
RS232/422 Low Cap, #24-3pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
01-20-2023
89730.0081000 BELDEN-89730.0081000 Datasheet
164Kb / 2P
RS232/422 Low Cap, #24-3pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
01-20-2023
More results

Similar Description - 89732

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
82729 BELDEN-82729 Datasheet
192Kb / 2P
RS232/422 Low Cap, #24-2pr, FFEP, Indiv. Foil, LS-PVC Jkt, CMP, 100Ω
04-27-2023
88103 BELDEN-88103 Datasheet
159Kb / 2P
RS232/422 Low Cap, #24-3pr, FFEP, O/A Foil, PVDF Jkt, CMP, 100Ω
01-20-2023
88106 BELDEN-88106 Datasheet
200Kb / 2P
RS232/422 Low Cap, #24-6pr, FFEP, O/A Foil, PVDF Jkt, CMP, 100Ω
04-27-2023
88109 BELDEN-88109 Datasheet
162Kb / 2P
RS232/422 Low Cap, #24-9pr, FFEP, O/A Foil, PVDF Jkt, CMP, 100Ω
05-05-2023
89705 BELDEN-89705 Datasheet
164Kb / 2P
RS232/422 Low Cap, #24-5pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
05-05-2023
89728 BELDEN-89728 Datasheet
209Kb / 2P
RS232/422 Low Cap, #24-4pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
01-20-2023
89729 BELDEN-89729 Datasheet
194Kb / 2P
RS-232/422 Low Cap, #24-2pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
04-27-2023
89730 BELDEN-89730 Datasheet
164Kb / 2P
RS232/422 Low Cap, #24-3pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
01-20-2023
89731 BELDEN-89731 Datasheet
162Kb / 2P
RS232/422 Low Cap, #24-6pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
01-20-2023
89734 BELDEN-89734 Datasheet
219Kb / 2P
RS232/422 Low Cap, #24-12pr, FFEP, Indiv. Foil, PVDF Jkt, CMP, 100Ω
04-27-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com