Electronic Components Datasheet Search
  English  ▼

X  

89901 Datasheet(PDF) 1 Page - Belden Inc.

Part # 89901
Description  Transceiver 10BASE5, #20-4pr, FEP, Indiv. Foil Shielded pairs with Isolated Overall Duofoil Brd, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

89901 Datasheet(HTML) 1 Page - Belden Inc.

  89901 Datasheet HTML 1Page - Belden Inc. 89901 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 89901
Transceiver 10BASE5, #20-4pr, FEP, Indiv. Foil Shielded pairs with Isolated
Overall Duofoil + Brd, CMP
Product Description
IEEE 802.3 Ethernet Transceiver 10BASE5, 20 AWG stranded (7x28) tinned copper conductors, plenum, FEP insulation, twisted pairs, Individually foil shielded
pairs, overall polyester isolation tape + Duofoil® + tinned copper braid shield (95% coverage), drain wire, light gray fluorocopolymer (PVDF) jacket, plenum
rated
Technical Specifications
Product Overview
Suitable Applications:
10Base5 Transceiver
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Data Pair(s)
3
20 AWG 7x28
TC - Tinned Copper
Power Pair(s) 1
20 AWG 7x28
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Data Pair(s)
FEP - Fluorinated Ethylene Propylene (Foam) 0.019 in (0.48 mm) 0.076 in (1.9 mm)
Gray & White, Yellow & Orange, Blue & Green
Power Pair(s) FEP - Fluorinated Ethylene Propylene
0.011 in (0.28 mm) 0.060 in (1.5 mm)
Black & Red
Inner Shield
Element
Shield Type
Material
Coverage
Notes
Data Pair(s)
Tape
Bi-Laminate (Alum+Poly) 100%
Foil Out
Power Pair(s) Tape
Bi-Laminate (Alum+Poly) 100%
Foil Out
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Notes
Tape
Tri-Laminate (Alum+Poly+Alum) 100%
22 AWG (7x30) TC Polyester Isolating tape under DuoFoil
Braid
Tinned Copper (TC)
93%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVDF - Polyvinylidene Fluoride 0.016 in (0.41 mm) 0.370 in (9.40 mm)
Overall Cable Diameter (Nominal):
0.370 in (9.40 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Data
Pair(s)
11.3 Ohm/1000ft
16.7 pF/ft (54.8 pF/m)
29.5 pF/ft (96.8 pF/m)
78 Ohm
78%
3.8 Amps per Conductor at
25ºC
Pair(s)
3.8 Amps per Conductor at
25ºC
Voltage


Similar Part No. - 89901

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
899011-01 METZ-899011-01 Datasheet
333Kb / 8P
REGplus IP20 E-DAT modul
2023/02/14 Version: AM
899011-01 METZ-899011-01 Datasheet
2Mb / 7P
Modul 19 inch module frame 1RU 24 Port light gray unequipped, shielded
2022/07/14 Version: O
899011-01 METZ-899011-01 Datasheet
370Kb / 5P
Keystone 19 inch module frame 1RU 24 port light gray unequipped, shielded
2022/07/14 Version: P
899011-01 METZ-899011-01 Datasheet
3Mb / 6P
Modul 19 inch module frame 1RU 24 port black unequipped, shielded
2022/07/14 Version: O
899011-01 METZ-899011-01 Datasheet
959Kb / 7P
E-DAT modul REG 1 port IP20 light gray
2023/01/13 Version: A
More results

Similar Description - 89901

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
88777 BELDEN-88777 Datasheet
250Kb / 3P
Audio, Control & Instrument, #22-3pr, FEP, Indiv. Foil, FEP Jkt, CMP
87777 BELDEN-87777 Datasheet
163Kb / 3P
Audio, Control & Instrument, #22-3pr, FEP, Indiv. Foil, PVDF Jkt, CMP
05-05-2023
87778 BELDEN-87778 Datasheet
158Kb / 2P
Audio, Control & Instrument, #22-6pr, FEP, Indiv. Foil, PVDF Jkt, CMP
01-20-2023
89504 BELDEN-89504 Datasheet
159Kb / 2P
RS232, #24-4pr, FEP, O/A Foil, FEP Jkt, CMP
01-20-2023
89892 BELDEN-89892 Datasheet
166Kb / 3P
Transceiver 10BASE5, #20-4pr, FEP, PVC Jkt, CMP
05-05-2023
9892 BELDEN-9892 Datasheet
149Kb / 2P
Transceiver 10BASE5, #20-4pr, FPO, PVC Jkt, CM
04-14-2023
9901 BELDEN-9901 Datasheet
152Kb / 2P
Transceiver 10BASE5, #20-4pr, FPO, Isolated Shields, PVC Jkt, CM
05-05-2023
9891 BELDEN-9891 Datasheet
212Kb / 2P
Transceiver 10BASE5, #22-3pr, #20-1pr, FHDPE, Indiv. Foil shielded pairs w/OA Brd, PVC Jkt, CM
04-19-2023
88723 BELDEN-88723 Datasheet
179Kb / 2P
Audio, Control & Instrument, #22-2pr, FEP, Indiv. Foil, FEP Jkt, CMP
04-19-2023
88778 BELDEN-88778 Datasheet
180Kb / 2P
Audio, Control & Instrument, #22-6pr, FEP, Indiv. Foil, FEP Jkt, CMP
04-24-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com