Electronic Components Datasheet Search
  English  ▼

X  

9682 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9682
Description  RS232/422 Low Cap, #24-6pr, PO, O/A Foil, PVC Jkt, CM, 100Ω
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9682 Datasheet(HTML) 1 Page - Belden Inc.

  9682 Datasheet HTML 1Page - Belden Inc. 9682 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9682
RS232/422 Low Cap, #24-6pr, PO, O/A Foil, PVC Jkt, CM, 100Ω
Product Description
Computer EIA RS-232/422 Cable, 24 AWG stranded (7x32) tinned copper conductors, polyethylene insulation, twisted pairs, overall Beldfoil® shield (100%
coverage), 24 AWG stranded tinned copper drain wire, PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
rs-232 extended distance applications; rs-423 applications; computer communications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …); line
level audio; panel wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
6
24 AWG 7x32
TC - Tinned Copper
Insulation
Element
Material
Nom.
Thickness
Nom. Insulation
Diameter
Color Code
Pair(s)
PE -
Polyethylene
0.016 in (0.41
mm)
0.054 in (1.4 mm)
White/Blue & Blue/White, White/Orange & Orange/White, White/Green & Green/White, White/Brown & Brown/White, White/Gray &
Gray/White, Red/Blue & Blue/Red
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.035 in (0.89 mm) 0.342 in
Overall Cable Diameter
(Nominal):
0.342 in
Electrical Characteristics
Electricals
Nom. Conductor
DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
28.8 Ohm/1000ft
15.5 pF/ft (50.9 pF/m)
27.5 pF/ft (90.2 pF/m)
100 Ohm
66%
1.47 Amps per Conductor at
30ºC
Voltage
UL Voltage Rating
30 V (AWM 2919), 300 V (CM)
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-20°C to +80°C


Similar Part No. - 9682

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9682 ETC2-9682 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
logo
Heyco.
9682 HEYCO-9682 Datasheet
151Kb / 1P
Push-In Threaded Plugs
logo
TE Connectivity Ltd
968220 TEC-968220 Datasheet
253Kb / 10P
Verarbeitungs-Spezifikation
968221 TEC-968221 Datasheet
253Kb / 10P
Verarbeitungs-Spezifikation
968271-1 TEC-968271-1 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
More results

Similar Description - 9682

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1421A BELDEN-1421A Datasheet
202Kb / 2P
RS232/422 Low Cap, #24-4pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
1423A BELDEN-1423A Datasheet
162Kb / 2P
RS232/422 Low Cap, #24-6pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
1424A BELDEN-1424A Datasheet
163Kb / 2P
RS232/422 Low Cap, #24-12.5pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
8106 BELDEN-8106 Datasheet
204Kb / 2P
RS232/422 Low Cap, #24-6pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
9680 BELDEN-9680 Datasheet
197Kb / 2P
RS232/422 Low Cap, #24-3pr, PE, O/A Foil, PVC Jkt, CM, 100Ω
01-20-2023
9681 BELDEN-9681 Datasheet
161Kb / 2P
RS232/422 Low Cap, #24-4pr, PO, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
9683 BELDEN-9683 Datasheet
164Kb / 2P
RS232/422 Low Cap, #24-9pr, PO, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
9684 BELDEN-9684 Datasheet
151Kb / 2P
RS232/422 Low Cap, #24-12.5pr, PO, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
9731 BELDEN-9731 Datasheet
165Kb / 2P
RS232/422 Low Cap, #24-6pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
9839 BELDEN-9839 Datasheet
152Kb / 2P
RS232/422 Low Cap, #24-6pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com