Electronic Components Datasheet Search
  English  ▼

X  

M2R014 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # M2R014
Description  THERMOPILE TYPE INFRARED SENSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M2R014 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button M2R014 Datasheet HTML 17Page - List of Unclassifed Manufacturers M2R014 Datasheet HTML 18Page - List of Unclassifed Manufacturers M2R014 Datasheet HTML 19Page - List of Unclassifed Manufacturers M2R014 Datasheet HTML 20Page - List of Unclassifed Manufacturers M2R014 Datasheet HTML 21Page - List of Unclassifed Manufacturers M2R014 Datasheet HTML 22Page - List of Unclassifed Manufacturers M2R014 Datasheet HTML 23Page - List of Unclassifed Manufacturers M2R014 Datasheet HTML 24Page - List of Unclassifed Manufacturers M2R014 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
21
POWER
THERMISTOR
The POWER THERMISTOR is a device for
suppressing inrush current to an electric
circuit. Circuits including electric bulbs or
capacitors induce a inrush current more
than 100 times the normal current when the
circuit switch is turned on. The POWER
THERMISTOR in the circuits protects
electric equipments from being damaged
by limiting the inrush current.
MARK
is a NEW POWER THERMISTOR
featuring smaller size and larger energy
capacity to meet severe requirements in
inrush current suppression.
There is the tendency of miniaturization in
low power switching power supply, and
MARK
is effectively applicable for the
needs, though the comparatively larger
sized fixed resistors (ceramic coat) are
used now.
Application
How to use the power thermistor
The power thermistor will suppress inrush current
which is caused by a capacitor, filament for a bulb,
inverter for fluorescent lamp, a heater and etc., also
will control fan motor speed of cooler for electric
circuit.
Especially MARK
was developed to use for power
supply of TV, VCR instead of cement resistor.
Accordingly, suitable thermistors are 6D-22, 5D-18
and 8D-18, and if we consider in the points of small
time constant which means a small size and large
effect for suppressive current which means large
rated zero-power resistance, 8D-18 is the most
suitable one.
Use the following circuit in the power supply for 100V
and 200V.
The most suitable power thermistor for the above
circuit is required to fulfill the following terms and
conditions.
1. The permissible current at ambient temperature of
55 C should be over 2A.
2. The thermistor resistance for suppressive current
which becomes below 30A should be over 4.2
ohm from the under-mentioned formula.
t
SW
VE
IO
CL
Input voltage
: AC 100V 10%
Steady state current
: 2A
Capacitor
: 2000 F
Ambient temperature
: Max.55 C
Suppressive current
: Max.30A at 25 C
SW1
SW2
C2
C1
VE
L
2VE 1.1
30
RC R25
RC
: Internal resistance value in the circuit is 1 ohm
(100V/100A)
R25
: Rated zero-power resistance at 25 C
3. Max. capacitance shall be over 2000 F at AC 100V.
SW2 : ON (200V), OFF (100V)
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com