Electronic Components Datasheet Search
  English  ▼

X  

BD138 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BD138
Description  PNP power transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BD138 Datasheet(HTML) 3 Page - NXP Semiconductors

  BD138 Datasheet HTML 1Page - NXP Semiconductors BD138 Datasheet HTML 2Page - NXP Semiconductors BD138 Datasheet HTML 3Page - NXP Semiconductors BD138 Datasheet HTML 4Page - NXP Semiconductors BD138 Datasheet HTML 5Page - NXP Semiconductors BD138 Datasheet HTML 6Page - NXP Semiconductors BD138 Datasheet HTML 7Page - NXP Semiconductors BD138 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 12
3
Philips Semiconductors
Product specification
PNP power transistors
BD136; BD138; BD140
THERMAL CHARACTERISTICS
Note
1. Refer to TO-126 (SOT32) standard mounting conditions.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
100
K/W
Rth j-mb
thermal resistance from junction to mounting base
10
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −30 V
−−−100 nA
IE = 0; VCB = −30 V; Tj = 125 °C
−−−10
µA
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−−100 nA
hFE
DC current gain
VCE = −2 V; (see Fig.2)
IC = −5mA
40
−−
IC = −150 mA
63
−
250
IC = −500 mA
25
−−
DC current gain
IC = −150 mA; VCE = −2V;
(see Fig.2)
BD136-10; BD138-10; BD140-10
63
−
160
BD136-16; BD138-16; BD140-16
100
−
250
VCEsat
collector-emitter saturation voltage
IC = −500 mA; IB = −50 mA
−−−0.5
V
VBE
base-emitter voltage
IC = −500 mA; VCE = −2V
−−−1V
fT
transition frequency
IC = −50 mA; VCE = −5V;
f = 100 MHz
−
160
−
MHz
DC current gain ratio of the
complementary pairs
I
C = 150 mA; VCE =2V
−
1.3
1.6
h
FE1
h
FE2
-----------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com