Electronic Components Datasheet Search
  English  ▼

X  

ADT7481ARMZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADT7481ARMZ
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7481ARMZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADT7481ARMZ Datasheet HTML 16Page - Analog Devices ADT7481ARMZ Datasheet HTML 17Page - Analog Devices ADT7481ARMZ Datasheet HTML 18Page - Analog Devices ADT7481ARMZ Datasheet HTML 19Page - Analog Devices ADT7481ARMZ Datasheet HTML 20Page - Analog Devices ADT7481ARMZ Datasheet HTML 21Page - Analog Devices ADT7481ARMZ Datasheet HTML 22Page - Analog Devices ADT7481ARMZ Datasheet HTML 23Page - Analog Devices ADT7481ARMZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADT7481
Rev. 0 | Page 20 of 24
If a remote sensor is not used with the ADT7481, then the D+
and D− inputs of the ADT7481 need to be tied together to
prevent the open flag from being continuously set.
Most temperature sensing diodes have an operating temperature
range of −55°C to +150°C. Above 150°C, they lose their
semiconductor characteristics and approximate conductors
instead. This results in a diode short, setting the open flag. The
remote diode in this case no longer gives an accurate temperature
measurement. A read of the temperature result register will give
the last good temperature measurement. The user should be
aware that while the diode fault is triggered, the temperature
measurement on the remote channels is likely to be inaccurate.
INTERRUPT SYSTEM
The ADT7481 has two interrupt outputs, ALERT and THERM.
Both outputs have different functions and behavior. ALERT is
maskable and responds to violations of software-programmed
temperature limits or an open-circuit fault on the remote diode.
THERM is intended as a fail-safe interrupt output that cannot
be masked.
If the Remote 1, Remote 2, or local temperature exceeds the
programmed high temperature limits, or equals or exceeds the
low temperature limits, the ALERT output is asserted low. An
open-circuit fault on the remote diode also causes ALERT to
assert. ALERT is reset when serviced by a master reading its
device address, provided the error condition has gone away, and
the status register has been reset.
The THERM output asserts low if the Remote 1, Remote 2, or
local temperature exceeds the programmed THERM limits. The
THERM temperature limits should normally be equal to or
greater than the high temperature limits. THERM is automatically
reset when the temperature falls back within the (THERM −
hysteresis) limit. The local and remote THERM limits are set by
default to 85°C. A hysteresis value can be programmed, in
which case THERM will reset when the temperature falls to the
limit value minus the hysteresis value. This applies to both local
and remote measurement channels. The power-on hysteresis
default value is 10°C, but this may be reprogrammed to any
value after power-up.
The hysteresis loop on the THERM outputs is useful when
THERM is used for on/off control of a fan. The user’s system can
be set up so that when THERM asserts, a fan can be switched on
to cool the system. When THERM goes high again, the fan can
be switched off. Programming a hysteresis value protects from
fan jitter, a condition wherein the temperature hovers around
the THERM limit, and the fan is constantly being switched on
and off.
Table 16. THERM Hysteresis
THERM Hysteresis
Binary Representation
0°C
0 000 0000
1°C
0 000 0001
10°C
0 000 1010
Figure 20 shows how the THERM and ALERT outputs operate.
A user may wish to use the ALERT output as a SMBALERT to
signal to the host via the SMBus that the temperature has risen.
The user could use the THERM output to turn on a fan to cool
the system, if the temperature continues to increase. This
method would ensure that there is a fail-safe mechanism to cool
the system, without the need for host intervention.
1
3
2
4
THERM LIMIT
HIGH TEMP LIMIT
THERM LIMIT-HYSTERESIS
RESET BY MASTER
ALERT
THERM
100
°C
TEMPERATURE
90
°C
80
°C
70
°C
60
°C
50
°C
40
°C
Figure 20. Operation of the ALERT and THERM Interrupts
• If the measured temperature exceeds the high temperature
limit, the ALERT output will assert low.
• If the temperature continues to increase and exceeds the
THERM limit, the THERM output asserts low. This can be
used to throttle the CPU clock or switch on a fan.
• The THERM output de-asserts (goes high) when the tempera-
ture falls to THERM limit minus hysteresis. In Figure 20, the
default hysteresis value of 10°C is shown.
• The ALERT output de-asserts only when the temperature has
fallen below the high temperature limit, and the master has
read the device address and cleared the status register.
Pin 8 on the ADT7481 can be configured as either an ALERT
output or as an additional THERM output. THERM2 will assert
low when the temperature exceeds the programmed local and/or
remote high temperature limits. It is reset in the same manner
as THERM, and it is not maskable. The programmed hysteresis
value also applies to THERM2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com