Electronic Components Datasheet Search
  English  ▼

X  

CS1204 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS1204
Description  STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS1204 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS1204 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS1204 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS1204 Datasheet HTML 3Page - Applied Micro Circuits Corporation CS1204 Datasheet HTML 4Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Final/Production Release Information - The information contained in this docu-
ment is about a product in its fully tested and characterized phase.All features
described herein are supported. Contact AMCC for updates to this document and
the latest product status
Empowering Intelligent Optical Networks
Product Brief
ORINOCO
STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
Part Number S1204CBI21, Revision 1.5, Dec. 2002
Features
• Processes any valid combination of SONET/SDH STS-1/AU-3 or
TUG-3/AU-4 tributaries in STS-12/STM-4 or STS-3/STM-1.
• Terminates/generates SONET/SDH section, line, and path OH
• Provides on the SONET/SDH side a serial 622 MHz or a 77.76
MHz 8-bit interface for STS-12/STM-4 applications; or a serial
155.52 MHz interface for STS-3/STM-1 applications.
• Supports flexible assignment of STS-1E and DS3 or STS-1E and
E3 mappings on a per tributary basis.
• Provides STS-1E mapping/demapping for up to 12 STS-1s.
• Provides DS3 or E3 mapping/demapping for up to 12 tributaries,
through SONET STS1, SDH AU-3, and/or TUG-3/AU-4 containers.
• Supports mixed M23 and C-bit parity DS3 frame formats on a per-
tributary basis.
• Supports mixed G.751 and G.832 E3 frame formats on a per-
tributary basis.
• Supports full-featured DS3/E3/STS-1E performance monitoring in
both transmit and receive directions.
• 12 serial clock/data ports are provided on the system side for DS3/
E3/STS-1E interfaces.
• Integrates DS3/E3 desynchronizer circuitry necessary to provide
DS3/E3 clear channel outputs that meet Bellcore, ANSI and ITU
jitter requirements.
• 622/155 MHz APS interface for redundancy applications.
• Loopback capability for SONET/SDH and DS3/E3/STS-1Es data
streams.
The ORINOCO is a highly integrated chip that implements
SONET/SDH processing and DS3/E3/STS-1E mapping functions
for an STS-12/STM-4 or STS-3/STM-1 data stream. The
ORINOCO is compliant with the following standards: Bellcore GR-
253, GR-499 and GR-820; ANSI T1.105 and T1.107; and ITU
G.751-2; G.775, G.783, G.804, G.823-5, and G.832.
The ORINOCO supports full-duplex processing of SONET/SDH
data streams with section, line, & path overhead processing. The
device supports framing, scrambling/descrambling, alarm signal
insertion/detection, and bit interleaved parity (B1/B2/B3)
processing. Serial interfaces for E1, E2, F1 and Line and Section
DCC are also provided.
A general purpose microprocessor interface is provided for device
initialization, control, and monitoring. This interface can operate
either as an 8-bit asynchronous interface, or a 16-bit synchronous
interface. The interface supports both Intel and Motorola type
microprocessors, and is capable of operating in either an interrupt
driven or polled-mode configuration.
Figure 1: Block Diagram
PTR
POH
MONITOR
TOH DROP
TOH
MON
RX
FRAMER
TX
FRAMER
TOH INSERT
SPE/VC
GENERATE
MICROPROCESSOR I/F
GPIO REG
TX_PDATA_OUT_[7:0]
TX_PCLK_OUT
RX_PDATA_IN_[7:0]
RX_PCLK_IN
RX_LOSEXT
1
12
1
12
1
12
DS3/E3
FR
RX_LS_[1:4]_[1:3]_DATA
RX_PFRM_IN
RX_LS_[1:4]_[1:3]_CLK
Intrfc
Intrfc
RX_LS_[1:4]_[1:3]_FRM_OUT
PM
TX_SDATA_OUT
TX_SCLK_OUT
RX_SDATA_IN
RX_SCLK_IN
RX_LINE_PRTY
TX_LINE_PRTY
FR/TOH
MON
SEL
INTPRT
STS-1
FR
GEN
DeSynchronization
RX
1
12
SEL
TX_LS_[1:4_][1:3]_DATA
TX_LS_[1:4]_[1:3]_CLK
TX_LS_[1:4]_[1:3]_FRM_IN
FIFO
STS-1
PTR
PROC
STS-1
Dmap
DS3
1
12
DS3/E3
Frame Generator
1
12
DS3
MAP
E3
TX
1
12
DS3/E3
FR
PM
1
12
DS3/E3
DMAP
1
1
Block


Similar Part No. - CS1204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS1204 ETC1-CS1204 Datasheet
117Kb / 1P
CIT RELAY&SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
CS1204AF160 ETC1-CS1204AF160 Datasheet
117Kb / 1P
CIT RELAY&SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
CS1204AF260 ETC1-CS1204AF260 Datasheet
117Kb / 1P
CIT RELAY&SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
CS1204F160 ETC1-CS1204F160 Datasheet
117Kb / 1P
CIT RELAY&SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
CS1204F260 ETC1-CS1204F260 Datasheet
117Kb / 1P
CIT RELAY&SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
More results

Similar Description - CS1204

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
XRT91L30 EXAR-XRT91L30 Datasheet
367Kb / 40P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS1202 AMCC-CS1202 Datasheet
68Kb / 2P
STS-12 ATM/DS3 SONET MAPPER
logo
Exar Corporation
XRT94L33 EXAR-XRT94L33_2 Datasheet
3Mb / 810P
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
XRT94L33 EXAR-XRT94L33_3 Datasheet
3Mb / 801P
-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SONET REGISTERS
XRT91L30_0611 EXAR-XRT91L30_0611 Datasheet
694Kb / 39P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L32 EXAR-XRT91L32 Datasheet
650Kb / 37P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31 EXAR-XRT91L31_08 Datasheet
832Kb / 41P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com