Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 6Page - National Semiconductor (TI) LP3972 Datasheet HTML 7Page - National Semiconductor (TI) LP3972 Datasheet HTML 8Page - National Semiconductor (TI) LP3972 Datasheet HTML 9Page - National Semiconductor (TI) LP3972 Datasheet HTML 10Page - National Semiconductor (TI) LP3972 Datasheet HTML 11Page - National Semiconductor (TI) LP3972 Datasheet HTML 12Page - National Semiconductor (TI) LP3972 Datasheet HTML 13Page - National Semiconductor (TI) LP3972 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
LDO RTC
Unless otherwise noted, V
IN = 3.6V, CIN = 1.0 µF, COUT = 0.47 µF, COUT (VRTC) = 1.0 µF ceramic. Typical values and limits
appearing in normal type apply for T
J = 25˚C. Limits appearing in boldface type apply over the entire junction temperature
range for operation, −40˚C to +125˚C. (Notes 2, 6, 7) and (Note 10)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OUT
Accuracy
Output Voltage Accuracy
V
IN Connected, Load Current =
1mA
2.632
2.8
2.968
V
∆V
OUT
Line Regulation
V
IN =(VOUT nom + 1.0V) to 5.5V
(Note 11) Load Current=1mA
0.15
%/V
Load Regulation
From Main Battery
Load Current=1mAto30mA
0.05
%/mA
From Backup Battery
V
IN = 3.0V
Load Current=1mAto10mA
0.5
I
SC
Short Circuit Current Limit
From Main Battery
V
IN =VOUT +0.3V to 5.5V
100
mA
From Backup Battery
30
V
IN -
V
OUT
Dropout Voltage
Load Current = 10 mA
375
mV
I
Q_Max
Maximum Quiescent Current
I
OUT =0mA
30
µA
TP1
RTC LDO Input Switched from
Main Battery to Backup Battery
V
IN Falling
2.9
V
TP2
RTC LDO Input Switched from
Backup Battery to Main Battery
V
IN Rising
3.0
V
C
O
Output Capacitor
Capacitance for Stability
0.7
1.0
µF
ESR
5
500
m
Ω
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com