Electronic Components Datasheet Search
  English  ▼

X  

IFQ06 Datasheet(PDF) 4 Page - TDK Electronics

Part # IFQ06
Description  Magnetic Sheets for RFID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IFQ06 Datasheet(HTML) 4 Page - TDK Electronics

  IFQ06 Datasheet HTML 1Page - TDK Electronics IFQ06 Datasheet HTML 2Page - TDK Electronics IFQ06 Datasheet HTML 3Page - TDK Electronics IFQ06 Datasheet HTML 4Page - TDK Electronics IFQ06 Datasheet HTML 5Page - TDK Electronics IFQ06 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Ver.5.0
TDK Corporation
* Note : Including top surface layer
Material
Magnetic layer
Roll dimensions
Width
Total
thickness
Part number
May. 2023
IFQ06 Roll Type
■ PART NUMBER CONSTRUCTION
■ STANDARD PART NUMBER LIST
name
(mm)
(m)
IFQ06-050NB1HRX300
IFQ06-100RN1HRX300
IFQ06-050RN1HRX300
IFQ06
300
IFQ06-100NB1HRX300
(Typical)
0.050
0.050
0.100
Length
(mm)
thickness
(mm)
0.088*
0.138*
0.060
100
0.100
0.110
-
X
050
0.050
N
No
N
No
1HR
100
300
300
100
0.100
R
0.038
B
0.010
D
0.030
(mm)
name
symbol
layer
layer
adhesive tape
(mm)
IFL
06
Series
Material
IFQ
06
1HR
300
Magnetic
Top surface
Double-sided
Length
Width
050
N
B
R : Release type
thickness
thickness
thickness
(mm)
(mm)
(m)
All specifications are subject to change without notice.
Before using these products, be sure to request the delivery specifications.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com