Electronic Components Datasheet Search
  English  ▼

X  

0606 Datasheet(PDF) 8 Page - Visual Communications Company

Part # 0606
Description  SpectraBright Series 0606 Package Size SMD RGB and Bi-Color LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

0606 Datasheet(HTML) 8 Page - Visual Communications Company

Back Button 0606 Datasheet HTML 2Page - Visual Communications Company 0606 Datasheet HTML 3Page - Visual Communications Company 0606 Datasheet HTML 4Page - Visual Communications Company 0606 Datasheet HTML 5Page - Visual Communications Company 0606 Datasheet HTML 6Page - Visual Communications Company 0606 Datasheet HTML 7Page - Visual Communications Company 0606 Datasheet HTML 8Page - Visual Communications Company 0606 Datasheet HTML 9Page - Visual Communications Company 0606 Datasheet HTML 10Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SpectraBright 0606 | 11/22 | Page 8 of 10
vcclite.com | 1.800.522.5546
Precautions
Soldering Profile
Reliability Test
Endurance Test
Operation Life
High Temperature,
High Humidity Storage
High Temperature
Storage
Low Temperature
Storage
Temperature Cycling
Thermal Shock
ReflowPb Free Process
25ma Ta= Under Room
Temperature As Per Datasheet
Maximum Rating
IR-Reflow In-Board, 2 Tlmes
Ta=85? ˚C RH=85%IR-Reflow
In-Board, 2 Times Ta=85? ˚C
RH=85%
IR-Reflow In-Board, 2 Tlmes
100 ± 5˚C ~ -40˚C ± 5˚C
260˚C: 10
Peak temperature range 260˚C
10s max
100˚C ~ 25˚C ~ -40˚C ~ 25˚C
30mins 5mins 30mins 5mins
10mins
10mins
Ta=105±5˚C
Ta=-40±5˚C
1000 HRS
(-24 HRS, +72 HRS)
1000 HRS
(-24 HRS, +72 HRS)
1000 HRS
(-24 HRS, +72 HRS)
100/Cycles
100/Cycles
------
1000 HRS
(±2 HRS)
MIL-STD-750
D:1026
MIL-STD-883
D:1005
MIL-STD-883
D:1008
JIS C 7021:B-10
JIS C 7021:B-10
MIL-STD-202F:107D
MIL-STD-750D:1051
MIL-STD-202F:107D
MIL-STD-750D:1051
MIL-STD-750
D:2031.2
J-STD-020C
JESD22-A101
Classification
Test Item
Test Condition
Test Time
Reference Standard



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com