Electronic Components Datasheet Search
  English  ▼

X  

1210 Datasheet(PDF) 8 Page - Visual Communications Company

Part # 1210
Description  SpectraBright Series 1210 Package Size SMD RGB and Bi-Color LEDs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

1210 Datasheet(HTML) 8 Page - Visual Communications Company

  1210 Datasheet HTML 1Page - Visual Communications Company 1210 Datasheet HTML 2Page - Visual Communications Company 1210 Datasheet HTML 3Page - Visual Communications Company 1210 Datasheet HTML 4Page - Visual Communications Company 1210 Datasheet HTML 5Page - Visual Communications Company 1210 Datasheet HTML 6Page - Visual Communications Company 1210 Datasheet HTML 7Page - Visual Communications Company 1210 Datasheet HTML 8Page - Visual Communications Company 1210 Datasheet HTML 9Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SpectraBright 1210 | 11/22 | Page 8 of 9
vcclite.com | 1.800.522.5546
Precautions
Storage
• Before opening original package, it is recommended to store them in the following environment: Temperature:
5°C~30°C,Humidity: 85%RH max. When the inventory over 3 months,Should be done before treatment using
dehumidification, Temperature: 60°C/8 hours.
• 5~ 30˚C ; 60% after opening original package, the storage ambient for the LEDs should be in 5~30˚C temperature and
60% or less relative humidity.
• In order to avoid moisture absorption, it is recommended that the LEDs that out of the original package should be
stored in a sealed container with appropriate desiccant, or in desiccators with nitrogen ambient.
• The LEDs should be used within 168hrs (7days) after opening the package. Once been mounted, soldering should be
quick.
• If the moisture absorbent material (silica gel) has faded away or the LEDs stored out of original package for more than
168hrs (7 days), baking treatment should be performed using the conditions: 60˚C at least 24 hours.
Application
Rank Tolerance
REF / VF: ±0.02V
CAT / IV: ±10%
X / Y: ±0.005
Circuit model A
Circuit model B
• A LED is a current-operated device. The slight shift of voltage will cause big change of current, which will damage
LEDs. Customer should use resistors in series for the Over-Current-Proof.
• In order to ensure intensity uniformity on multiple LEDs connected in parallel in
an application, it is recommended to use individual resistor separately, as shown in Circuit A below. The brightness of
each LED shown in Circuit B might appear difference due to the differences in the I-V characteristics of those LEDs
• High temperature may reduce LEDs’ intensity and other performances, so keeping it away from heat source to get
good performance is necessary.
Soldering
• Reflow soldering should not be done more than 2 times.
• Manual soldering is only suggested on repair and rework. The maximum soldering temperature should not exceed
300˚C within 3 sec. And the maximum capacity of soldering iron is 30W in power.
• During the soldering process, do not touch the lens at high temperature.
• After soldering, any mechanical force on the lens or any excessive vibration shall not be accepted to apply, also the
circuit board shall not be bent as well.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com