Electronic Components Datasheet Search
  English  ▼

X  

ADIS16201CCCZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADIS16201CCCZ
Description  Programmable Dual-Axis
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201CCCZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADIS16201CCCZ Datasheet HTML 24Page - Analog Devices ADIS16201CCCZ Datasheet HTML 25Page - Analog Devices ADIS16201CCCZ Datasheet HTML 26Page - Analog Devices ADIS16201CCCZ Datasheet HTML 27Page - Analog Devices ADIS16201CCCZ Datasheet HTML 28Page - Analog Devices ADIS16201CCCZ Datasheet HTML 29Page - Analog Devices ADIS16201CCCZ Datasheet HTML 30Page - Analog Devices ADIS16201CCCZ Datasheet HTML 31Page - Analog Devices ADIS16201CCCZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADIS16201
Data Sheet
Rev. C | Page 30 of 32
BANDGAP REFERENCE
The ADIS16201 provides an on-chip band gap reference of
2.5 V, which is utilized by the on-board ADC and DAC. This
internal reference also appears on the VREF pin. This reference
can be connected to external circuits in the system. An external
buffer would be required because of the low drive capability of
the VREF output.
POWER-ON RESET OPERATION
An internal power-on reset (POR) is implemented internally to
the ADIS16201. For VDD below 2.35 V, the internal POR holds
the ADIS16201 in reset. As VDD rises above 2.35 V, an internal
timer times out for typically 130 ms before the part is released
from reset. The user must ensure that the power supply has
reached a stable 3.0 V minimum level by this time. Likewise,
on power-down, the internal POR holds the ADIS16201 in reset
until VDD has dropped below 2.35 V. Figure 40 illustrates the
operation of the internal POR in detail.
VDD
POR
130ms TYP
2.35V TYP
Figure 40. Internal Power-On Reset Operation
SECOND-LEVEL ASSEMBLY
The ADIS16201 can be attached to the second-level assembly
board using SN63 (or equivalent) or lead-free solder. Figure 41
and Table 32 provide acceptable solder reflow profiles for each
solder type. Note: These profiles may not be the optimum
profile for the user’s application. In no case should 260°C be
exceeded. It is recommended that the user develop a reflow
profile based upon the specific application. In general, keep in
mind that the lowest peak temperature and shortest dwell time
above the melt temperature of the solder result in less shock and
stress to the product. In addition, evaluating the cooling rate
and peak temperature can result in a more reliable assembly.
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 41. Acceptable Solder Reflow Profiles
Table 32.
Condition
Profile Feature
Sn63/Pb37
Pb-Free
Average Ramp Rate (TL to TP)
3°C/sec max
3°C/sec max
Preheat
Minimum Temperature (TSMIN)
100°C
150°C
Maximum Temperature (TSMAX)
150°C
200°C
Time (TSMIN to TSMAX) (ts)
60 sec to
120 sec
60 sec to
150 sec
TSMAX to TL
Ramp-Up Rate
3°C/sec
3°C/sec
Time Maintained Above
Liquidous (TL)
Liquidous Temperature (TL)
183°C
217°C
Time (tL)
60 sec to
150 sec
60 sec to
150 sec
Peak Temperature (TP)
240°C +
0°C/–5°C
260°C +
0°C/–5°C
Time Within 5°C of Actual Peak
Temperature (tp)
10 sec to
30 sec
20 sec to
40 sec
Ramp-Down Rate
6°C/sec max
6°C/sec max
Time 25°C to Peak Temperature
6 min max
8 min max
EXAMPLE PAD LAYOUT
1.178 BSC
(8 PLCS)
0.500 BSC
(16 PLCS)
1.127 BSC
(16 PLCS)
0.670 BSC
(12 PLCS)
7.873 BSC
(2 PLCS)
Figure 42. Example Pad Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com