Electronic Components Datasheet Search
  English  ▼

X  

MA7014 Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA7014
Description  Unipolar Hall Effect Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7014 Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA7014 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7014 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/7
MA7014 (Preliminary)
Major Power Technology Co., Ltd.
Rev0.2
5
th, Mar., 2020
Unipolar Hall Effect Switch
GENERAL DESCRIPTION
MA7014 is a unipolar Hall-effect sensor IC. The device includes an on-chip Hall voltage
generator for magnetic sensing, a comparator that amplifies the Hall voltage, and a Schmitt
trigger to provide switching hysteresis for noise rejection, and open-drain output. An internal
band-gap regulator is used to provide temperature compensated supply voltage for internal
circuits and allows a wide operating supply range.
If a magnetic flux density larger than threshold Bop, OUT is turned on(low). The output state
is held until a magnetic flux density reversal falls below Brp causing OUT to be turned off
(high).
FEATURES
-
2.5V to 26V DC Operation Voltage
-
Temperature Compensation
-
Wide Operating Voltage Range
-
Open-Drain Pre-Driver
-
25mA Maximum Sinking Output Current.
-
Low Profile SOT23-3L and SIP-3L(TO-92S) Package( Green and Lead Free )
PIN ASSIGNMENT
The packages of MA7014 are SOT23-3L and SIP-3L; the pin assignment is given by:
VDD
OUT
(Top View)
GND
1
VDD
2
GND
3
OUT
(Top View)
SIP-3L
2
3
1
SOT23-3L
Name
Description
VDD
Supply Voltage
OUT
Output
GND Ground.


Similar Part No. - MA7014

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7010 MPOWER-MA7010 Datasheet
394Kb / 7P
Unipolar Hall Effect Switch
logo
Murata Manufacturing Co...
MA70101BAN MURATA-MA70101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA70101BBN MURATA-MA70101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA70101CAN MURATA-MA70101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA70101CBN MURATA-MA70101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA7014

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS118 SECELECTRONICS-SS118 Datasheet
163Kb / 5P
Unipolar Hall-Effect Digital Switch
logo
BCD Semiconductor Manuf...
AH922 BCDSEMI-AH922 Datasheet
366Kb / 15P
UNIPOLAR HALL-EFFECT SWITCH
logo
Diodes Incorporated
AH922 DIODES-AH922 Datasheet
365Kb / 15P
UNIPOLAR HALL-EFFECT SWITCH
Rev olution
logo
SEC Electronics Inc.
SS129_1311 SECELECTRONICS-SS129_1311 Datasheet
209Kb / 5P
Unipolar Hall-Effect Digital Switch
SS1068 SECELECTRONICS-SS1068 Datasheet
219Kb / 6P
Unipolar Hall-Effect Digital Switch
SS3142_1311 SECELECTRONICS-SS3142_1311 Datasheet
203Kb / 6P
Unipolar Hall-Effect Digital Switch
logo
Winson Semiconductor Co...
WSH130NL WINSON-WSH130NL_17 Datasheet
180Kb / 4P
Unipolar Hall Effect Switch IC
logo
Major-Power Technology ...
MA7010 MPOWER-MA7010 Datasheet
394Kb / 7P
Unipolar Hall Effect Switch
MA7011 MPOWER-MA7011 Datasheet
395Kb / 7P
Unipolar Hall Effect Switch
MA7012 MPOWER-MA7012 Datasheet
372Kb / 7P
Unipolar Hall Effect Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com